Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ-R7 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA0S506AJ-R7
Description  5.0 - 6.0 SPDT T/R Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-R7 Datasheet(HTML) 4 Page - Tyco Electronics

  MA0S506AJ-R7 Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 3Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
4
Visit www.macom.com for additional data sheets and product information.
5.0 – 6.0 SPDT T/R Switch
MA0S506AJ
V 1.0
Application Information
Board material: Rogers Duroid RO4350, 20 mil thick dielectric (
εr=3.48). All RF traces are 50 ohms (43mils wide).
MSOP-8 Package
0.20
−−−
A1
−−−
2.90
−−−
0.40
4.80
2.90
0.13
y
θ
D
e
L
E1
E
b
C
A2
0.10
−−−
−−−
3.00
0.65
3.00
0.53
4.90
0.15
0.30
0.86
3.10
−−−
3.10
5.00
0.23
0.97
DIMENSIONS IN MILLIMETERS
0.81
MIN
SYMBOLS
A
1.02
NOM
MAX
1.22
0.008
−−−
−−−
0.114
−−−
0.016
0.189
0.114
0.005
0.030
0.004
−−−
−−−
0.118
0.026
0.118
0.021
0.193
0.006
0.012
0.034
0.122
−−−
0.026
0.122
0.197
0.015
0.009
0.038
DIMENSIONS IN INCHES
0.032
MIN
0.040
NOM
MAX
0.048
0.05
0.75
0.25
0.40
0.70
0.002
0.010
NOTES:
1. Package body sizes exclude mold flash and gate burrs.
2. Dimension L is measured in the gauge plane.
3. Tolerance 0.10 mm unless otherwise specified.
4. Controlling dimension is millimeter. Converted inch
dimensions are not necessarily exact.
5. Package follows JEDEC Standards.
θ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com