Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ-R7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA0S506AJ-R7
Description  5.0 - 6.0 SPDT T/R Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-R7 Datasheet(HTML) 1 Page - Tyco Electronics

  MA0S506AJ-R7 Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 3Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
1
Visit www.macom.com for additional data sheets and product information.
5.0 – 6.0 SPDT T/R Switch
V 1.0
Features
Ideal for 802.11a and Hiperlan Applications
Positive Control Voltages
+32 dB One dB Compression Point
Fast Switching Speed
No External Components Required
MSOP-8 Package
Description
The MA0S506AJ is a medium power 5.0 – 6.0 SPDT
switch.
Typical
applications
include
the
transmit/receive functions in 802.11a, Hiperlan, and
fixed
wireless
access
applications.
All
RF
impedances are 50 ohms, and all RF ports are
internally DC blocked. The switch operates over a
typical voltage range of 2.7 to 5.5 volts.
The
MA0S506AJ is offered in an MSOP-8 package.
The MA0S506AJ is fabricated using M/A-COM’s 0.5
micron MESFET process for a low single supply
voltage, high linearity, and excellent reliability.
Ordering Information
Part Number
Description
MA0S506AJ-R7
7 inch, 1000 piece reel
MA0S506AJ-R13
13 inch, 3000 piece reel
MA0S506AJ-SMB
Sample Test Board
Functional Schematic
Pin Configuration
Pin
Function
Description
1
V1
Control Voltage 1
2
V2
Control Voltage 2
3
RFC
RF Common Port
4
VDD
Supply Voltage
5
RF2
RF Port 2
6
GND
Ground
7
GND
Ground
8
RF1
RF Port 1
V
1
GND
RF
2
GND
RF
1
1
8
V
2
RF
C
V
DD


Similar Part No. - MA0S506AJ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ-R7 MACOM-MA0S506AJ-R7 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
More results

Similar Description - MA0S506AJ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8 Datasheet
0Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
SPDT Failsafe Switch 0.1 ??6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com