Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12021 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAM12021
Description  Low Noise Amplifier 1.5 - 1.6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM12021 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAM12021 Datasheet HTML 1Page - Tyco Electronics MAAM12021 Datasheet HTML 2Page - Tyco Electronics MAAM12021 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Amplifier
MAAM12021
M/A-COM, Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current
2
30 mA
Channel Temperature
3
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings1
Recommended PCB Configuration
Functional Diagram
1. Operation of this device outside these limits
may cause permanent damage.
2. Only if pin #2 is used to increase current. (See note 6.)
3. Typical thermal resistance ( jc) = +165°C/W.
RF
OUT
RF
IN
See Note 6
VDD
500pF
87
6
5
12
3
4
15 nH
GND
GND
GND
GND
Specifications Subject to Change Without Notice.
V2.00
1.7
1.6
1.5
1.4
1.3
1.50
1.52
1.54
1.56
1.58
1.60
FREQUENCY (GHz)
NOISE FIGURE vs FREQUENCY, TA = +25°C
Notes:
4. Pins 1, 4, 5 and 8 must be RF and DC grounded as shown.
5. Pin 3 is the RF input; pin 6 is the RF output. VDD is applied on pin 7.
This pin must be bypassed with a 500-pF surface mount MLC
capacitor, mounted as close as possible to pin 7, and RF decoupled
with a chip inductor having a minimum value of 15 nH (as shown in
the Recommended PCB Configuration).
6. Pin 2 allows use of an external resistor to ground for optional, higher
current bias. For nominal current operation no resistor is used.
For optional 20-mA current operation, connect a 35- to 40-ohm
chip resistor (as shown in the Recommended PCB Configuration).
Typical Performance
24
22
20
18
16
1.3
1.4
1.5
1.6
1.7
1.8
FREQUENCY (GHz)
GAIN vs FREQUENCY, TA = +25°C
5 V, 20 mA
5 V, 8 mA
3 V, 8 mA
3 V, 8 mA
5 V, 8 mA
5 V, 20 mA
0.020 (0.51) FR-4 Circuit Board
Dimensions in inches (mm)
.294 (7.47)
.025
(.64)
0.037
(0.94)
R .008
(0.20)
(12 Places)
Plated thru hole
(2 Places)
Plated thru hole
R .025 (0.64)
RF In
See
Note 6
0.245
(6.22)
0.125
(3.18)
RF Out
See
Note 5
VDD
1
2
3
4
8
7
6
5
0.100
(2.54)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com