Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12021 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAM12021
Description  Low Noise Amplifier 1.5 - 1.6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM12021 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAM12021 Datasheet HTML 1Page - Tyco Electronics MAAM12021 Datasheet HTML 2Page - Tyco Electronics MAAM12021 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Noise Amplifier
MAAM12021
Specifications Subject to Change Without Notice.
V2.00
M/A-COM, Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
3.0
2.5
2.0
1.5
1.0
1.3
1.4
1.5
1.6
1.7
1.8
FREQUENCY (GHz)
VSWR VS FREQUENCY @ 5 V, 8 mA, TA=+25°C
3
0
-3
-6
-9
1.50
1.52
1.54
1.56
1.58
1.60
FREQUENCY (GHz)
INPUT IP3 vs FREQUENCY, TA=+25°C
24
22
20
18
16
1.3
1.4
1.5
1.6
1.7
1.8
FREQUENCY (GHz)
GAIN vs FREQUENCY @ 5 V, 8 mA
2.2
1.9
1.6
1.3
1.0
1.50
1.52
1.54
1.56
1.58
1.60
FREQUENCY (GHz)
NOISE FIGURE vs FREQUENCY @ 5 V, 8 mA
Input
Output
5 V, 20 mA
5 V, 8 mA
3 V, 8 mA
-40°C
-40°C
+25°C
+25°C
+85°C
+85°C
Additional information is available in Application Note M540,
“M/A-COM GaAs MMIC LNA SOIC-8 Platform.”



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com