Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12021 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAM12021
Description  Low Noise Amplifier 1.5 - 1.6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM12021 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAM12021 Datasheet HTML 1Page - Tyco Electronics MAAM12021 Datasheet HTML 2Page - Tyco Electronics MAAM12021 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M/A-COM, Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Parameter
Units
Min.
Typ.
Max.
Gain
dB
19
21
23
Noise Figure
dB
1.55
1.9
Input VSWR
1.5:1
Output VSWR
1.5:1
Output 1 dB Compression
dBm
6
Input IP3
dBm
-2
Reverse Isolation
dB
40
Bias Current
mA
5
8
11
Features
Low Noise Figure: 1.55 dB
High Gain: 21 dB
Low Power Consumption: 3 to 5 V, 8 mA
High Dynamic Range
DC Decoupled RF Input and Output
No External RF Tuning Elements Necessary
Low Cost SOIC 8 Plastic Package
Description
M/A-COM’s MAAM12021 is a high performance GaAs
MMIC low noise amplifier in a low cost SOIC 8-lead sur-
face mount plastic package. The MAAM12021 employs a
fully monolithic design which eliminates the need for
external tuning networks. It can be biased using 3- or
5-volt supplies and has an option for biasing at higher
currents for increased dynamic range.
The MAAM12021 is ideally suited for use where low
noise figure, high gain, high dynamic range and low
power consumption are required. Typical applications
include receiver front ends in the Global Positioning
System (GPS) and Japanese Personal Digital Cellular
(PDC-1500) markets, as well as standard gain blocks,
buffer amps, driver amps and IF amps in both fixed and
portable systems.
M/A-COM’s MAAM12021 is fabricated using a mature
0.5-micron gate length GaAs process. The process fea-
tures full passivation for increased performance reliability.
Specifications Subject to Change Without Notice.
V2.00
Low Noise Amplifier
1.5 - 1.6 GHz
MAAM12021
Electrical Specifications
1, T
A= +25°C, Z0 = 50Ω, VDD = +5 V, PIN = -30 dBm, f = 1.5 - 1.6 GHz
SO-8
0°-8°
.0075-0.0098
(0.19-0.25)
.1890-.1968
(4.80-5.00)
.0099-0.0196
x 45° Chamfer
(0.25-0.50)
.2284-.2440
(5.80-6.20)
PIN 8
Orientation
mark
PIN 1
8- Lead SOP outline dimensions
Narrow body .150
(All dimensions per JEDEC No. MS-012-AA, Issue C)
Dimensions in ( ) are in mm.
.1497-.1574
(3.80-4.00)
- B -
- A -
.050(1.27) BSC.
.013-.020 TYP.
(0.33-0.51)
.0040-.0098
(0.10-0.25)
- C -
.0532-.0688
(1.35-1.75)
.016-.050
(0.40-1.27)
.010(0.25) M B M
.010(0.25) M C A M B S
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ±0.5)
.004 (0.10)
q
q
q
q
q
q
q
Part Number
Package
MAAM12021
SOIC 8-Lead Plastic
MAAM12021TR
Forward Tape and Reel*
MAAM12021RTR
Reverse Tape and Reel*
MAAM12021SMB
Designer’s Kit
Ordering Information
1. See following pages for 3-volt data.
* If specific reel size is required, consult factory for part
number assignment.


Similar Part No. - MAAM12021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021 MA-COM-MAAM12021 Datasheet
116Kb / 7P
GaAs MMIC Low Noise Amplifier SOIC-8 Platform
MAAM12021SMB MA-COM-MAAM12021SMB Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021TR MA-COM-MAAM12021TR Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
More results

Similar Description - MAAM12021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
1.6 GHz GaAs LOW NOISE AMPLIFIER
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com