Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6200GE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6200GE
Description  RT6200GE Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200GE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6200GE Datasheet HTML 1Page - Richtek Technology Corporation RT6200GE Datasheet HTML 2Page - Richtek Technology Corporation RT6200GE Datasheet HTML 3Page - Richtek Technology Corporation RT6200GE Datasheet HTML 4Page - Richtek Technology Corporation RT6200GE Datasheet HTML 5Page - Richtek Technology Corporation RT6200GE Datasheet HTML 6Page - Richtek Technology Corporation RT6200GE Datasheet HTML 7Page - Richtek Technology Corporation RT6200GE Datasheet HTML 8Page - Richtek Technology Corporation RT6200GE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT6200GE
Evaluation Board
UG6200GE-00
January 2015
2
http://www.richtek.com
your power partner.
Introduction
General Product Information
The RT6200 is a high voltage Buck converter that can support the input voltage range from 4.5V to 36V and the
output current can be up to 0.6A. Current mode operation provides fast transient response and eases loop
stabilization. The chip also provides protection functions such as cycle-by-cycle current limit and thermal shutdown
protection. The RT6200 is available in the SOT-23-6 package.
Product Feature
Wide Operating Input Voltage Range : 4.5V to 36V
Adjustable Output Voltage Range : 0.8V to 15V
0.6A Output Current
0.35
Ω Internal Power MOSFET Switch
High Efficiency up to 95%
1.2MHz Fixed Switching Frequency (Duty <90%)
Support duty up to 95%
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown
Cycle-By-Cycle Over-Current Protection
Key Performance Summary Table
Key Features
Evaluation Board Number: PCB008_V1
Default Input Voltage
12V
Max Output Current
0.6A
Default Output Voltage
5V
Default Marking & Package Type
RT6200GE
Operation Frequency
Steady 1.2MHz at all loads
Other Key Features
4.5V to 36V Input Voltage Range
Support duty up to 95%
Protection
Cycle-By-Cycle Over Current Protection
Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com