Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6200GE Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6200GE
Description  RT6200GE Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200GE Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6200GE Datasheet HTML 1Page - Richtek Technology Corporation RT6200GE Datasheet HTML 2Page - Richtek Technology Corporation RT6200GE Datasheet HTML 3Page - Richtek Technology Corporation RT6200GE Datasheet HTML 4Page - Richtek Technology Corporation RT6200GE Datasheet HTML 5Page - Richtek Technology Corporation RT6200GE Datasheet HTML 6Page - Richtek Technology Corporation RT6200GE Datasheet HTML 7Page - Richtek Technology Corporation RT6200GE Datasheet HTML 8Page - Richtek Technology Corporation RT6200GE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT6200GE
Evaluation Board
UG6200GE-00
January 2015
3
http://www.richtek.com
your power partner.
Bench Test Setup Conditions
Headers Description and Placement
Please carefully inspect the EVB IC and external components, comparing them to the following Bill of Materials, to ensure that all components are
installed and undamaged. If any components are missing or damaged during transportation, please contact the distributor or send e-mail to
evb_service@richtek.com
Test Points
The EVB is provided with the test points and pin names listed in the table below.
Test point/
Pin name
Signal
Comment (expected waveforms or voltage levels on test points)
VIN
Input voltage
Input voltage range= 4.5V to 36V
VOUT
Output voltage
Default output voltage = 5.0V
Output voltage range= 0.8V to 15V
(see „‟ Output Voltage Setting‟‟ section for changing output voltage level)
SW
Switching node test point
SW waveform
EN
Enable test point
Enable signal. EN is automatically pulled high by internal circuit to enable
operation. Connect EN low (or by R4 pull low resistor) to disable operation.
BST
Boot strap supply test point
Floating supply voltage for the high-side N-MOSFET switch
GND
Ground
Ground
Power-up & Measurement Procedure
1.
Apply a 12V nominal input power supply (4.5V < VIN < 36V) to the VIN and GND terminals.
2.
The EN voltage is pulled to logic high by internal circuit to enable operation. Drive EN high (>2.5V) to enable
operation or low (<0.4V) to disable operation.
3.
There is a 3-pin header JP2
“EN” for enable control. To use a jumper at “H” option to tie EN test pin to input
power VIN for enabling the device. Inversely, to use a jumper at
“L” option to tie EN test pin and ground GND
for disabling the device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com