Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6200GE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6200GE
Description  RT6200GE Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200GE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6200GE Datasheet HTML 1Page - Richtek Technology Corporation RT6200GE Datasheet HTML 2Page - Richtek Technology Corporation RT6200GE Datasheet HTML 3Page - Richtek Technology Corporation RT6200GE Datasheet HTML 4Page - Richtek Technology Corporation RT6200GE Datasheet HTML 5Page - Richtek Technology Corporation RT6200GE Datasheet HTML 6Page - Richtek Technology Corporation RT6200GE Datasheet HTML 7Page - Richtek Technology Corporation RT6200GE Datasheet HTML 8Page - Richtek Technology Corporation RT6200GE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT6200GE
Evaluation Board
UG6200GE-00
January 2015
1
http://www.richtek.com
your power partner.
RT6200GE Evaluation Board
Purpose
The RT6200 is a high voltage Buck converter that can deliver up to 0.6A output current from a wide input voltage
range of 4.5V to 36V. This document explains the function and use of the RT6200 evaluation board (EVB) and
provides information to enable operation and modification of the evaluation board and circuit to suit individual
requirements.
Table of Contents
PURPOSE................................................................................................................................................................................1
INTRODUCTION......................................................................................................................................................................2
KEY PERFORMANCE SUMMARY TABLE...................................................................................................................................2
BENCH TEST SETUP CONDITIONS............................................................................................................................................3
SCHEMATIC, BILL OF MATERIALS AND BOARD LAYOUT...........................................................................................................5
MORE INFORMATION.............................................................................................................................................................9
IMPORTANT NOTICE FOR RICHTEK REFERENCE DESIGNS........................................................................................................9


Similar Part No. - RT6200GE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6200GE RICHTEK-RT6200GE Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
More results

Similar Description - RT6200GE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com