Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7255 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7255
Description  The RT7255 is a synchronous step-down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7255 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7255 Datasheet HTML 9Page - Richtek Technology Corporation RT7255 Datasheet HTML 10Page - Richtek Technology Corporation RT7255 Datasheet HTML 11Page - Richtek Technology Corporation RT7255 Datasheet HTML 12Page - Richtek Technology Corporation RT7255 Datasheet HTML 13Page - Richtek Technology Corporation RT7255 Datasheet HTML 14Page - Richtek Technology Corporation RT7255 Datasheet HTML 15Page - Richtek Technology Corporation RT7255 Datasheet HTML 16Page - Richtek Technology Corporation RT7255 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT7255
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7255-00
June
2015
www.richtek.com
13
The amplitude of the capacitive soar is a function of the
load step, the output capacitor value, the inductor value
and the output voltage :
2
OUT
SOAR
OUT
OUT
L ( I
)
V
=
2 C
V


Output Capacitors Stability Criteria
The RT7255's ACOTTM control architecture uses an
internal virtual inductor current ramp and other
compensation
that
ensures
stability
with
any
reasonable output capacitor. The internal ramp allows
the IC to operate with very low ESR capacitors and the
IC is stable with very small capacitances. Therefore,
output capacitor selection is nearly always a matter of
meeting output voltage ripple and transient response
requirements, as discussed in the previous sections.
For the sake of the unusual application where ripple
voltage is unimportant.
Any ESR in the output capacitor lowers the required
minimum output capacitance, sometimes considerably.
For the rare application where that is needed and
useful, the equation including ESR is given here :
OUT
OUT
SW
IN
ESR
OUT
V
C
2 f
V
(R
13647 L V
)
 
As can be seen, setting RESR to zero and simplifying
the equation yields the previous simpler equation. To
allow for the capacitor's temperature and bias voltage
coefficients,
use
at
least
double the
calculated
capacitance and use a good quality dielectric such as
X5R or X7R with an adequate voltage rating since
ceramic capacitors exhibit considerable capacitance
reduction as their bias voltage increases.
Feed-forward Capacitor (Cff)
The RT7255 is optimized for ceramic output capacitors
and for low duty cycle applications. However for
high-output voltages, with high feedback attenuation,
the circuit's response becomes over-damped and
transient response can be slowed. In high-output
voltage circuits (VOUT > 3.3V) transient response is
improved by adding a small “feed-forward” capacitor
(Cff) across the upper FB divider resistor (Figure 1), to
increase the circuit's Q and reduce damping to speed
up the transient
response
without
affecting the
steady-state stability of the circuit. Choose a suitable
capacitor value that following below step.
Get the BW the quickest method to do transient
response form no load to full load. Confirm the
damping frequency. The damping frequency is BW.
RT7255
GND
FB
R1
R2
VOUT
Cff
BW
Figure 1. Cff Capacitor Setting
Cff can be calculated base on below equation :
ff
1
C
2 3.1412 R1 BW 0.8
External Soft-Start (SS)
The RT7255 provides soft-start function. The soft-start
function is used to prevent large inrush current while
converter is being powered-up. The soft-start timing
can be programmed by the external capacitor CSS
between SS and GND. An internal current source ISS
(6
A) charges an external capacitor to build a soft-start
ramp voltage. The VFB voltage will track the internal
ramp voltage during soft-start interval. The typical soft
start time is calculated as follows :
Soft-Start time tSS = CSS x 0.6 / 6A
The available capacitance range is from 2.7nF to
120nF. Do not leave SS unconnected
Enable Operation (EN)
For automatic start-up the high-voltage EN pin can be
connected to VIN, through a 100k resistor. Its large
hysteresis band makes EN useful for simple delay and
timing circuits. EN can be externally pulled to VIN by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com