Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7255 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7255
Description  The RT7255 is a synchronous step-down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7255 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7255 Datasheet HTML 1Page - Richtek Technology Corporation RT7255 Datasheet HTML 2Page - Richtek Technology Corporation RT7255 Datasheet HTML 3Page - Richtek Technology Corporation RT7255 Datasheet HTML 4Page - Richtek Technology Corporation RT7255 Datasheet HTML 5Page - Richtek Technology Corporation RT7255 Datasheet HTML 6Page - Richtek Technology Corporation RT7255 Datasheet HTML 7Page - Richtek Technology Corporation RT7255 Datasheet HTML 8Page - Richtek Technology Corporation RT7255 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT7255
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7255-00
June
2015
www.richtek.com
1
1.5A, 18V, 500kHz ACOTTM Synchronous Step-down Converter
General Description
The RT7255 is a synchronous step-down converter
with Advanced Constant On-Time (ACOTTM) mode
control. The ACOTTM provides a very fast transient
response with few external components. The low
impedance internal MOSFET supports high efficiency
operation with wide input voltage range from 4.3V to
18V. The proprietary circuit of the RT7255 supports all
ceramic capacitors.
The output voltage can be adjusted between 0.6V and
8V.
Ordering Information
RT7255
Package Type
V8 : SOT-23-8
Lead Plating System
G : Green (Halogen Free and Pb Free)
A : Hiccup + PSM
B : Non-UVP + PSM
C : Hiccup + PWM
D : Non-UVP + PWM
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
4.3V to 18V Input Voltage Range
Adjustable Soft-Start Time
PGOOD Function
1.5A Output Current
Advanced Constant On-Time Control
Fast Transient Response
Support All Ceramic Capacitors
Up to 95% Efficiency
500kHz Switching Frequency
Adjustable Output Voltage from 0.6V to 8V
Cycle-by-Cycle Current Limit
Input Under-Voltage Lockout
Hiccup Mode Under-Voltage Protection
Thermal Shutdown
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance
DSPs, FPGAs, and ASICs
Simplified Application Circuit
PGOOD
RT7255
FB
VIN
CIN
BOOT
L
CBOOT
COUT
SW
SS
CSS
VOUT
R2
CFF
VIN
R1
EN
GND
Enable
RPG
5V


Similar Part No. - RT7255

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7250B RICHTEK-RT7250B Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7250BZSP RICHTEK-RT7250BZSP Datasheet
740Kb / 10P
RT7250BZSP Evaluation Board
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251B RICHTEK-RT7251B Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
More results

Similar Description - RT7255

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TB423 INTERSIL-TB423 Datasheet
635Kb / 7P
The EL7562 is a Buck (Step Down) DC:DC controller with integrated synchronous MOSFETs in a 16-pin QSOP package.
June 20, 2002
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
The BL8528 is a synchronous
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
The L5973D is a step-down monolithic power switching regulator capable
31-Jan-2008
logo
Richtek Technology Corp...
RT7295D RICHTEK-RT7295D Datasheet
218Kb / 14P
The RT7295D is a synchronous step-down converter
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
The RT8259A is a monolithic step-down switch mode
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
6-A Synchronous Step Down SWIFT Converter
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
4-A Synchronous Step-Down Converter
logo
Foshan Blue Rocket Elec...
BRCD3408 FOSHAN-BRCD3408 Datasheet
891Kb / 11P
The BRCD3408 is a constant frequency, current mode PWM step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com