Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7255 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7255
Description  The RT7255 is a synchronous step-down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7255 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7255 Datasheet HTML 1Page - Richtek Technology Corporation RT7255 Datasheet HTML 2Page - Richtek Technology Corporation RT7255 Datasheet HTML 3Page - Richtek Technology Corporation RT7255 Datasheet HTML 4Page - Richtek Technology Corporation RT7255 Datasheet HTML 5Page - Richtek Technology Corporation RT7255 Datasheet HTML 6Page - Richtek Technology Corporation RT7255 Datasheet HTML 7Page - Richtek Technology Corporation RT7255 Datasheet HTML 8Page - Richtek Technology Corporation RT7255 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT7255
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7255-00
June
2015
2
Pin Configurations
(TOP VIEW)
5
3
4
6
8
2
7
SOT-23-8
Marking Information
0A= : Product Code
DNN : Date Code
RT7255BGV8
0A=DNN
09= : Product Code
DNN : Date Code
RT7255CGV8
09=DNN
06= : Product Code
DNN : Date Code
RT7255DGV8
06=DNN
0B= : Product Code
DNN : Date Code
0B=DNN
RT7255AGV8
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a 1
F ceramic
capacitor between the BOOT and SW pins.
2
GND
Power Ground.
3
SS
Soft-Start Time Setting. Connect a capacitor from SS to GND to set the
soft-start period.
4
FB
Feedback Voltage Input. The pin is used to set the output voltage of the
converter via a resistive divider. The converter regulates VFB to 0.6V.
5
PGOOD
Power Good Indicator Output.
6
EN
Enable Control Input. Connect EN to a logic-high voltage to enable the IC or
to a logic-low voltage to disable. Do not leave this high impedance input
unconnected.
7
VIN
Power Input. The input voltage range is from 4.3V to 18V. Must bypass with
a suitable large ceramic capacitor at this pin.
8
SW
Switch Node. Connect to external L-C filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com