Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW6010G Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW6010G
Description  GaAs SPDT Switch DC-6 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW6010G Datasheet(HTML) 1 Page - Tyco Electronics

  MASW6010G Datasheet HTML 1Page - Tyco Electronics MASW6010G Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
GaAs SPDT Switch
DC-6 GHz
MASW6010G
s
Low Insertion Loss, 0.5 dB Typical @ 4 GHz
s
Fast Switching Speed, 4ns Typical
s
Ultra Low DC Power Consumption
s
Integral Static Protection
Guaranteed Specifications** @25°C***
Frequency Range
DC - 6000
MHz
Insertion Loss
DC - 1.0 GHz
0.6 dB Max
DC - 2.0 GHz
0.8 dB Max
DC - 6.0 GHz
1.4 dB Max
Isolation
DC - 1.0 GHz
45 dB Min
DC - 2.0 GHz
38 dB Min
DC - 6.0 GHz
22 dB Min
VSWR
DC - 1.0 GHz
1.1:1 Max
DC - 2.0 GHz
1.2:1 Max
DC - 6.0 GHz
1.9:1 Max
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
tRISE, tFALL (10/90% or 90/10% RF)
2 ns Typ
tON, tOFF (50% CTL to 90/10% RF)
4 ns Typ
Transients (In-Band)
10 mV Typ
Input Power for 1 dB Compression
Control Voltages (Vdc)
0/-5
0/-8
Above 500 MHz
+27 dBm
+33 dBm Typ
100 MHz
+21 dBm
+26 dBm Typ
Intermodulation Intercept Point (for
two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
Above 500 MHz
+68 dBm
+46 dBm Typ
100 MHz
+62 dBm
+40 dBm Typ
Control Voltages (Complementary Logic)
VINLow
0 to -0.2V @ 20 µA Max
VINHi
-5V @ 50 µA Typ to -8V @ 300 µA Max
Die Size
0.031" x 0.031" x 0.010"
(0.80mm x0.80mm x 0.25mm)
*
Equivalent to Anzac SW200
** All specifications apply with 50
Ω impedance connected to all RF
ports, 0 and -8 Vdc control voltages.
*** Loss change 0.0025 dB/°C. (From -55°C to +85°C)
7
6
5
4
3
2
1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Insertion Loss
Frequency GHz
+85°C
+25°C
-55°C
Typical Performance @ +25°C
Schematic
7
6
5
4
3
2
1
0
20
30
40
50
60
70
80
Isolation @ +25°C
Frequency GHz
7
6
5
4
3
2
1
0
1.0
1.2
1.4
1.6
1.8
2.0
VSWR @ +25°C
Frequency GHz
Insertion Loss (dB)
Isolation @ +25°C
MASW6010 NP VSWR
Frequency GHz
Frequency GHz
Frequency GHz


Similar Part No. - MASW6010G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
MASW6010G MA-COM-MASW6010G Datasheet
122Kb / 4P
GaAs SPDT Switch
MASW6010G MA-COM-MASW6010G_15 Datasheet
489Kb / 5P
GaAs SPDT Switch DC - 6.0 GHz
More results

Similar Description - MASW6010G

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452 HW-HWS452 Datasheet
71Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com