Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0017 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0017
Description  2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0017 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0017 Datasheet HTML 1Page - Tyco Electronics MASWSS0017 Datasheet HTML 2Page - Tyco Electronics MASWSS0017 Datasheet HTML 3Page - Tyco Electronics MASWSS0017 Datasheet HTML 4Page - Tyco Electronics MASWSS0017 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch
MASWSS0017
V1.2
The Advanced Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
3
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Pin Configuration
Pin No.
Pin Name
Description
1
PTX/DTX
DCS/PCS Tx Port
2
GND
RF Ground
3
GTX
GSM Tx Port
4
GND
RF Ground
5
GRX
GSM Rx Port
6
VDD
Decoder Vdd
7
BS
Control 1
8
TXS
Control 2
9
PRXON
Control 3
10
GND
RF Ground
11
DRXS
DCS Rx Shunt
12
DRX
DCS Rx Port
13
GND
RF Ground
14
PRX
PCS Rx Port
15
PRXS
PCS Rx Shunt
16
WCDMA
WCDMA Tx/Rx Port
17
GND
RF Ground
18
ANT1
WCDMA/DCS/PCS ANTENNA
19
GND
RF Ground
20
ANT2
GSM ANTENNA
21
GND
Paddle
Truth Table
BS
TXS
PRXON
Mode
0
0
0
GSM RX-Ant2
WCDMA -Ant1
0
1
0
GSM TX-Ant2
1
0
0
DCS RX-Ant1
1
0
1
PCS RX-Ant1
1
1
0
DCS TX-Ant1
Logic Level
Voltage Level
VLO “0” =
0 V
VHi “1” =
2.5 V
Block Diagram
PTX/DTX
GND
GTX
GND
GRX
PRXS
PRX
GND
DRX
DRXS
Decoder



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com