Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0017 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWSS0017
Description  2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0017 Datasheet(HTML) 4 Page - Tyco Electronics

  MASWSS0017 Datasheet HTML 1Page - Tyco Electronics MASWSS0017 Datasheet HTML 2Page - Tyco Electronics MASWSS0017 Datasheet HTML 3Page - Tyco Electronics MASWSS0017 Datasheet HTML 4Page - Tyco Electronics MASWSS0017 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch
MASWSS0017
V1.2
The Advanced Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
4
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Sample Board Schematic
External Circuitry Parts List (Note: Values of external elements not final)
Ref. Designation
Value
Purpose
C1
22pF
DC Block
C2
22pF
DC Block
C3
22pF
DC Block
C4
4.7pF
RF Shunt
C5
22pF
DC Block
C6
22pF
DC Block
C7
4.7pF
RF Shunt
C8
22pF
DC Block
C9
22pF
DC Block
C10
22pF
DC Block
Decoder
C1
C2
C3
C7
C8
C9
BS
C10
ANT2
DTX
GTX
GRX
VDD
TXS
PRXON GND
ANT1
WCDMA
C4
C5
C6
PRX
DRX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com