Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0017 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0017
Description  2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0017 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0017 Datasheet HTML 1Page - Tyco Electronics MASWSS0017 Datasheet HTML 2Page - Tyco Electronics MASWSS0017 Datasheet HTML 3Page - Tyco Electronics MASWSS0017 Datasheet HTML 4Page - Tyco Electronics MASWSS0017 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ADVANCED DATASHEET
2V Dual -Mode WCDMA & Triple Band GSM/DCS/PCS Switch
MASWSS0017
0.5 – 2.2 GHz
Rev 1.2
The Advanced Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
1
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Features
• GSM Power handling with +2.0V Control
Voltage.
• Low Power consumption. Less than 1µA current
in Receive mode.
• Integrated Decoder.
• Leadless 4 x 4 mm FQFP-N, 20 Pin Package
• Low Insertion Loss of 0.3 dB in GSM Transmit
mode.
Description
The M/A-COM MASWSS0017 is a GaAs monolithic
switch in a low cost, FQFP-N, surface mount plastic
package. The MASWSS0017 is ideally suited for
applications where very low power consumption,
high power handling, and low cost are required. The
MASWSS0017 includes an integrated decoder. The
switch offers GSM power handling with below +2.5
V control voltage. The supply voltage VDD should
be connected to the highest available voltage.
The MASWSS0017 is fabricated using a new 0.5-
micron gate length GaAs pHEMT process.
The
process features full chip passivation for increased
performance and reliability. This switch is designed
for
Dual
Mode
WCDMA,
Triple
band
GSM/DCS/PCS handsets, where the phone needs to
be able to simultaneously receive a WCDMA and
GSM signal.
Functional Schematic
Ordering Information
Part Number
Description
MASWSS0017- XFLT1
MASWSS0017 on 1000 Piece Tape and Reel
MASWSS0017- XFLT3
MASWSS0017 on 3000 Piece Tape and Reel
MASWSS0017- XFLS0
MASWSS0017 Sample Test Board
* If specific reel size is required, consult factory for part number
assignment
PTX/DTX
GND
GTX
GND
GRX
PRXS
PRX
GND
DRX
DRXS
Decoder


Similar Part No. - MASWSS0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
MASWSS0005SMB MACOM-MASWSS0005SMB Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0005SMB MA-COM-MASWSS0005SMB Datasheet
74Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
MASWSS0005TR-3000 MACOM-MASWSS0005TR-3000 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
More results

Similar Description - MASWSS0017

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
Tyco Electronics
MASWSS0049 MACOM-MASWSS0049 Datasheet
58Kb / 6P
2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
SW-488 MACOM-SW-488 Datasheet
53Kb / 6P
2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com