Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0020 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0020
Description  GaAs SP4T 2.5V High Power Switch DC - 3 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0020 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0020 Datasheet HTML 1Page - Tyco Electronics MASWSS0020 Datasheet HTML 2Page - Tyco Electronics MASWSS0020 Datasheet HTML 3Page - Tyco Electronics MASWSS0020 Datasheet HTML 4Page - Tyco Electronics MASWSS0020 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Low Voltage Operation 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.6 dB at 1 GHz
• High Isolation 23 dB at 2 GHz
• Miniature FQFP 16-lead 4x4mm Package
• 0.5 micron GaAs pHEMT Process
Description
M/A-COM’s MASWSS0020 is a GaAs PHEMT MMIC
single pole four throw (SP4T) high power switch in a low
cost miniature FQFP 16-lead 4x4mm package.
The
MASWSS0020 is ideally suited for applications where high
power, low control voltage, low insertion loss, high isola-
tion, small size and low cost are required. Typical applica-
tions are for GSM and DCS handset systems that connect
separate transmit and receive functions to a common an-
tenna, as well as other handset and related applications.
This part can be used in all systems operating up to 3 GHz
requiring high power at low control voltage.
The MASWSS0020 is fabricated using a 0.5 micron gate
length GaAs PHEMT process. The process features full
passivation for performance and reliability.
GaAs SP4T 2.5V High Power Switch
DC - 3 GHz
PIN
No.
PIN Name
Description
1
V1
Control 1
2
RF1
RF Port 1
3
GND
RF Ground
4
RF2
RF Port 2
5
GND
RF Ground
6
V2
Control 2
7
V3
Control 3
8
GND
RF Ground
9
RF3
RF Port 3
10
GND
RF Ground
11
GND
RF Ground
12
RF4
RF Port 4
13
GND
RF Ground
14
V4
Control 4
15
GND
RF Ground
16
ANT
Antenna Port
17
GND (paddle)
RF Ground
Functional Schematic
Pin Configuration
Preliminary
Jan 16 2002
Parameter
Absolute
Maximum
Max Input Power (0.5 - 3 GHz,
2.5V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 1
1. Exceeding any one or combination of these limits may
cause permanent damage.
RF2
RF3
RF1
V1
GND
39 pF
39 pF
PIN 1
39 pF
GND
GND
RF4
39 pF
PIN 16


Similar Part No. - MASWSS0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
170Kb / 4P
SPDT High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0024SMB MACOM-MASWSS0024SMB Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024SMB MA-COM-MASWSS0024SMB Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results

Similar Description - MASWSS0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0006 MACOM-MASWSS0006 Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
logo
Hexawave, Inc
HWS451 HW-HWS451 Datasheet
126Kb / 2P
GaAs DC-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com