Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1550F-R1 Datasheet(PDF) 14 Page - New Japan Radio

Part # NJG1550F-R1
Description  800MHz BAND MIXER GaAs MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1550F-R1 Datasheet(HTML) 14 Page - New Japan Radio

Back Button NJG1550F-R1 Datasheet HTML 7Page - New Japan Radio NJG1550F-R1 Datasheet HTML 8Page - New Japan Radio NJG1550F-R1 Datasheet HTML 9Page - New Japan Radio NJG1550F-R1 Datasheet HTML 10Page - New Japan Radio NJG1550F-R1 Datasheet HTML 11Page - New Japan Radio NJG1550F-R1 Datasheet HTML 12Page - New Japan Radio NJG1550F-R1 Datasheet HTML 13Page - New Japan Radio NJG1550F-R1 Datasheet HTML 14Page - New Japan Radio NJG1550F-R1 Datasheet HTML 15Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
NJG1550F
- 14 -
nMEASURING BLOCK DIAGRAM
VLO
VMIX
IFOUT
LOIN
RFIN
SG
(LOCAL)
Spectrum
Analyzer
VDD=2.7V
Conversion Gain Measurement Block Diagram
BPF
BPF
VLO
VMIX
IFOUT
LOIN
RFIN
VDD=2.7V
SG
(LOCAL)
D.U.T.
PCB
NF Meter
Noise
Source
Noise Figure Measurement Block Diagram
SG
(RF)
D.U.T.
PCB
VLO
VMIX
IFOUT
RFIN
LOIN
SG
(RF1)
SG
(RF2)
D.U.T.
PCB
Power
Comb.
IF, IM3, IM5 Measurement Block Diagram
ATT
SG
(LOCAL)
Spectrum
Analyzer
VDD=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com