Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1550F-R1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1550F-R1
Description  800MHz BAND MIXER GaAs MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1550F-R1 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1550F-R1 Datasheet HTML 1Page - New Japan Radio NJG1550F-R1 Datasheet HTML 2Page - New Japan Radio NJG1550F-R1 Datasheet HTML 3Page - New Japan Radio NJG1550F-R1 Datasheet HTML 4Page - New Japan Radio NJG1550F-R1 Datasheet HTML 5Page - New Japan Radio NJG1550F-R1 Datasheet HTML 6Page - New Japan Radio NJG1550F-R1 Datasheet HTML 7Page - New Japan Radio NJG1550F-R1 Datasheet HTML 8Page - New Japan Radio NJG1550F-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NJG1550F
- 5 -
nTYPICAL CHARACTERISTICS (Continued)
1
1.5
2
2.5
3
3.5
-50
-40
-30
-20
-10
0
10
20
I
MIX
, I
LO
vs. LO Power
LO Power (dBm)
I
MIX
I
LO
4
6
8
10
12
14
16
3
4
5
6
7
8
9
800
820
840
860
880
900
Conversion Gain , Noise Figure
vs. RF Frequency
RF Frequency (MHz)
Gc
NF
0
1
2
3
4
5
-50
0
50
100
I
MIX
, I
LO
vs. Temperature
Temperature (
oC)
I
MIX
I
LO
Condition
fRF=820MHz
PRF=-30dBm
fLO=690MHz
VMIX=VLO=2.7V
Condition
PRF=OFF
PLO=OFF
VMIX=VLO=2.7V
Condition
fIF=130MHz
PRF=-30dBm
PLO=-10dBm
VMIX=VLO=2.7V
Lower LOCAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com