Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1550F-R1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1550F-R1
Description  800MHz BAND MIXER GaAs MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1550F-R1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1550F-R1 Datasheet HTML 1Page - New Japan Radio NJG1550F-R1 Datasheet HTML 2Page - New Japan Radio NJG1550F-R1 Datasheet HTML 3Page - New Japan Radio NJG1550F-R1 Datasheet HTML 4Page - New Japan Radio NJG1550F-R1 Datasheet HTML 5Page - New Japan Radio NJG1550F-R1 Datasheet HTML 6Page - New Japan Radio NJG1550F-R1 Datasheet HTML 7Page - New Japan Radio NJG1550F-R1 Datasheet HTML 8Page - New Japan Radio NJG1550F-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NJG1550F
- 1 -
800MHz BAND MIXER GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1550F is a mixer GaAs MMIC featured low power
consumption, high conversion gain and low noise figure.
NJG1550F includes a mixer and a local amplifier, and
ideally suitable for 800MHz band digital mobile phone
handsets.
A small MTP package is adopted.
nFEATURES
lLow voltage operation
+2.7V
lLow current consumption
4.5mA typ.
lHigh conversion gain
14dB typ. @fRF=820MHz, PLO=-10dBm, PRF=-30dBm
lLow noise figure
5dB typ. @fRF=820MHz, PLO=-10dBm
lPackage
MTP6 (Mount Size: 2.8x2.9x1.2mm)
nPIN CONFIGURATION
NJG1550F
3
2
1
6
5
4
NOTE :The
portion above shows orientation mark
printed on the package surface.
F type
(Top View)
Pin connection
1. IFOUT
2. BPC
3. VLO
4. LOIN
5. GND
6. RFIN


Similar Part No. - NJG1550F-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1551 NJRC-NJG1551 Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1551F-C1 NJRC-NJG1551F-C1 Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1551F-C2 NJRC-NJG1551F-C2 Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1551F-C3 NJRC-NJG1551F-C3 Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
More results

Similar Description - NJG1550F-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
800MHz BAND LNA GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
800MHz BAND LNA GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
800mhZ band mixer gAaS mmic
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
800MHz BAND DOWNCONVERTER GaAs MMIC
logo
Sony Corporation
CXG1111EN SONY-CXG1111EN Datasheet
92Kb / 6P
800MHz Band Receive Mixer
logo
New Japan Radio
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
800MHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com