Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0024
Description  SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0024 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0024 Datasheet HTML 1Page - Tyco Electronics MASWSS0024 Datasheet HTML 2Page - Tyco Electronics MASWSS0024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
MASWSS0024
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
2
Electrical Specifications: TA = 25°C, VCTL = 0, 5.0V (unless otherwise specified)
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
—
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
—
—
—
0.6
0.7
0.75
0.7
0.8
0.9
Isolation
—
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
51
48
45
54
52
50
—
—
—
Return Loss
—
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
15
15
15
20
20
20
—
—
—
Input IP2
2-Tone 900 MHz, 5 MHz spacing
(VC = 5.0V)
—
dBm
—
83
—
Input IP3
2-Tone 900 MHz, 5 MHz spacing
(VC = 5.0V)
—
dBm
—
43
—
Trise, Tfall
10% to 90% RF & 90% to 10% RF
—
nS
—
24
—
Ton, Toff
50% of VC to 10% / 90% RF
—
nS
—
15
—
Transients
VC = 5.0V square wave, in-band
—
mV
—
12
—
4. DC blocking capacitors required on all RF ports.
MSOP-8-EP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com