Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0024 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0024
Description  SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0024 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0024 Datasheet HTML 1Page - Tyco Electronics MASWSS0024 Datasheet HTML 2Page - Tyco Electronics MASWSS0024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
MASWSS0024
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
Typical Performance Curves
Insertion Loss vs. Temperature
Return Loss vs. Frequency
Isolation vs. Frequency over
Temperature
3
Ordering Information
Part Number
Package
MASWSS0024
Bulk Packaging
MASWSS0024TR
Tape and Reel (1K Reel)
MASWSS0024TR-3000
Tape and Reel (3K Reel)
MASWSS0024SMB
Sample Board
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
INPUT RETURN LOSS ("ON" STATE)
OUTPUT RETURN LOSS ("OFF" STATE)
0.4
0.5
0.6
0.7
0.8
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+85 °C
+25 °C
-40 °C
50
55
60
65
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+85 °C
+25 °C
-40 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com