Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0024 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0024
Description  SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0024 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0024 Datasheet HTML 1Page - Tyco Electronics MASWSS0024 Datasheet HTML 2Page - Tyco Electronics MASWSS0024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPDT High Isolation Terminated
Switch, 0.5 - 3.0 GHz
Functional Block Diagram
V 1.00
Features
n
Positive Voltage Control (0 / +5 V)
n
High Isolation (53 dB typ. @ 0.9 GHz,
50 dB typ @ 1.9 GHz)
n
50-Ohm Internal Terminations
n
Low Insertion Loss (0.6 dB typ. @ 0.9 GHz,
0.7 dB typ. @ 1.9 GHz)
n
MSOP-8-EP Package
Description
The M/A-COM MASWSS0024 GaAs monolithic switch
provides high isolation in a low-cost, plastic surface
mount package.
The MASWSS0024 is ideal for
applications across a broad range of frequencies
including synthesizer switching, transmit / receive
switching, switch matrices and filter banks in systems
such as radio and cellular equipment, PCS, GPS, and
fiber optic modules.
M/A-COM fabricates the MASWSS0024 using an 0.5-
micron gate length MESFET process.
The process
features full chip passivation for performance and
reliability.
Handling Procedures
The following precautions should be observed to avoid
damage:
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive
and can be damaged by static electricity.
Use proper
ESD precautions when handling these devices.
Pin Configuration
Pin
Function
Pin
Function
1
V1
5
RF2
2
V2
6
GND
3
RFC
7
GND
4
GND
8
RF1
Truth Table
V1
V2
RFC-RF1
RFC-RF2
0
1
Off
On
1
0
On
Off
2. External DC blocking capacitors required on all RF ports.
We recommend 47 pF.
Logic Level
Voltage Level
VLO “0” =
0 ± 0.2V
VHIGH “1” =
VC ± 0.2V
RFC
RF1
RF2
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
(0.5 - 3.0 GHz)
3V Control
5V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. 3.0V < VC < 8.0V


Similar Part No. - MASWSS0024

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
170Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0024SMB MA-COM-MASWSS0024SMB Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024SMB MA-COM-MASWSS0024SMB Datasheet
170Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0024TR MA-COM-MASWSS0024TR Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results

Similar Description - MASWSS0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com