Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8489 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8489 Datasheet HTML 1Page - Richtek Technology Corporation RT8489 Datasheet HTML 2Page - Richtek Technology Corporation RT8489 Datasheet HTML 3Page - Richtek Technology Corporation RT8489 Datasheet HTML 4Page - Richtek Technology Corporation RT8489 Datasheet HTML 5Page - Richtek Technology Corporation RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8489
®
DS8489-00 November 2012
www.richtek.com
1
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
High Voltage 4-CH LED Driver Controller
Features
Wide Operation Voltage Range : 7V to 28V
Programmable Channel Current
3% Current Matching Accuracy between Channels
Adjustable Switching Frequency
Easy Analog and Digital Dimming Control
Adjustable Soft-Start
Adjustable Output Over Voltage Protection
Under Voltage Lockout and Thermal Shutdown
SOP-24 package
RoHS Compliant and Halogen Free
General Description
The RT8489 is a 4-CH LED driver controller that delivers
well matched LED current to each channel of LED string.
With external current sources, the number of LEDs per
string is only limited by the current source and the VIN/
VOUT conditions. The current mode PWM Boost type
controller operates at an adjustable switching frequency
of up to 1MHz, with a wide VIN range covering from 7V to
28V. The switch driver is designed to drive industrial grade
high power MOSFETs.
The PWM loop selects and regulates the LED string with
the highest voltage string to 0.7V, thus allowing voltage
mismatches between the LED strings. The RT8489
automatically detects and excludes any open and/or
broken strings during operation from the PWM loop to
prevent VOUT from over voltage.
The LED currents on all channels are simply adjustable
with a resistor on each channel. Three convenient dimming
methods are provided : 1. Analog dimming is linearly
controlled by an external voltage. 2. True digitally
controlled PWM dimming can regulate the duty cycle of
the LED current. 3. For noise free PWM dimming, use an
on board output clamping amplifier as a low pass filter to
convert PWM dimming signals into analog dimming
signals.
Applications
Building and Street Lighting
LED TV Backlight
LED Monitor Backlight
Industrial Display Backlight
Other protection features include adjustable output over
voltage protection, PWM switch current limit and thermal
shutdown.
Simplified Application Circuit
RSET
VC
SS
GATE
ISENSE
LED1
RT8489
DCTL
ACTL
GND
VCC
GATE1
SENSE1
LED4
GATE4
SENSE4
VIN
L1
CIN
CVCC
RSET
RVC
CVC
CSS
MSW
RSENSE
M1
RS1
M4
RS4
D1
COUT
VOUT
R3
4 x N LEDs
VCC
……


Similar Part No. - RT8489

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8487 RICHTEK-RT8487 Datasheet
781Kb / 13P
High Efficiency BCM LED Driver Controller for High Power
More results

Similar Description - RT8489

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
logo
Richtek Technology Corp...
RT6030 RICHTEK-RT6030 Datasheet
175Kb / 10P
4-CH LED Current Source Controller
RT8560 RICHTEK-RT8560 Datasheet
271Kb / 15P
High Voltage 4 Channel LED Driver
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
High Voltage High Current LED Driver Controller
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com