Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8489 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8489 Datasheet HTML 1Page - Richtek Technology Corporation RT8489 Datasheet HTML 2Page - Richtek Technology Corporation RT8489 Datasheet HTML 3Page - Richtek Technology Corporation RT8489 Datasheet HTML 4Page - Richtek Technology Corporation RT8489 Datasheet HTML 5Page - Richtek Technology Corporation RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8489
2
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8489
Package Type
S : SOP-24
Lead Plating System
G : Green (Halogen Free and Pb Free)
Pin Configurations
SOP-24
(TOP VIEW)
LED1
GATE1
LED2
SENSE1
GATE2
SENSE2
LED3
VCC
GBIAS
GATE
GND
ISENSE
RSET
EN
GATE3
OVP
SENSE3
SS
LED4
VC
GATE4
ACTL
SENSE4
DCTL
6
7
8
9
10
11
12
4
5
2
3
21
22
23
18
19
20
16
13
17
24
15
14
Marking Information
RT8489GS : Product Number
YMDNN : Date Code
RichTek
RT8489
GSYMDNN
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VCC
Power Supply Input. For good bypass, a low ESR capacitor is needed between
this pin and GND.
2
GBIAS
Internal Gate Driver Bias Voltage (around 10V) Pin. A good bypass capacitor
between this pin and GND is needed.
3
GATE
Gate of External MOSFET. For the Boost PWM control loop.
4
GND
Ground.
5
ISENSE
Current Sense Input. Connect a sense resistor from this pin to GND. The switch
current sense signal is used for boost current mode PWM loop control and power
switch over current protection.
6
RSET
Switching Frequency Set Pin. Put a resistor from RSET to GND to program the
switching frequency. fSW = 280kHz when RSET = 40kΩ.
7
EN
Enable Control Input (Active High).
8
OVP
Over Voltage Protection Sense Input. OVP pin threshold is around 1.23V. Use a
resistor divider from Output to GND to program the OVP level.
9
SS
Soft-Start. Connect a soft-start capacitor from SS pin to GND to adjust the
soft-start time. An internal 8
μA constant current charges external capacitor during
soft-start period.
10
VC
Loop Compensation.
11
ACTL
Analog/PWM Dimming Control Input. When used in analog dimming, ACTL
control range is from 0.4V to 1.4V.
12
DCTL
Digital PWM Dimming Control Input. By adding a 0.1
μF filter capacitor on the
ACTL pin, the PWM dimming signal on the DCTL pin will be averaged out and
converted into analog dimming signal on the ACTL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com