Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8489 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation RT8489 Datasheet HTML 10Page - Richtek Technology Corporation RT8489 Datasheet HTML 11Page - Richtek Technology Corporation RT8489 Datasheet HTML 12Page - Richtek Technology Corporation RT8489 Datasheet HTML 13Page - Richtek Technology Corporation RT8489 Datasheet HTML 14Page - Richtek Technology Corporation RT8489 Datasheet HTML 15Page - Richtek Technology Corporation RT8489 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT8489
13
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Programmable Switching Frequency
The RSET frequency adjust pin allows the user to program
the switching frequency from 100kHz to 1MHz in order to
optimize efficiency and performance or minimize external
component size. Higher frequency operation yields
smaller component size but increases switching losses
and gate driving current, and may not allow sufficiently
high or low duty cycle operation. Lower frequency
operation gives better performance, but is more costly
with larger external component size. An external resistor
from the RSET pin to GND is required, and do not leave
this pin open. For an appropriate RSET value, refer to Figure
5.
Figure 4. LED Current vs. PWM Dimming Duty
Cycle
Figure 5. Switching Frequence vs RSET
LED Current vs. PWM Duty Cycle
0
20
40
60
80
100
120
140
160
0
2040
6080
100
Duty Cycle (%)
200Hz
1kHz
3kHz
Frequency vs. RSET Resistance
100
200
300
400
500
600
700
800
900
1000
10
20
30
40
50
60
70
80
90
100 110
RSET(kΩ)
VIN = 12V
LED Pin External Resistor Connection
The RT8489 equips 4 channel LEDdrivers and each channel
supports numerous LEDs. The 4 LED strings are
connected from VOUT to pin LEDx (x = 1 to 4) respectively.
If one of the LED channel is not used, the LEDx (x = 1 to
4) pins should be connected to ground directly.
In this case, there should be a current limiting resistor
between external MOSFET Drain node and LEDx pin to
limit the LEDx pin input current below 100
μA.
The formula for this resistor is
Rx = (VOUT
− |VLEDx(MAX)|) / 100μA
Figure 6. External Resistor Connection for LEDx Pin
Input Over Current Protection
The resistor, RSENSE, between the Source of the external
N-MOSFET (MSW) and GND should be selected to provide
adequate switch current.
The RT8489 senses the inductor current through ISENSE
pin in the switch on-period. The duty cycle depends on
the current sense signal summed with the internal slope
compensation and compared to the VC signal. The
external N-MOSFET will be turned off when the current
signal is larger than the VC signal. In the off-period, the
inductor current will descend. The external N-MOSFET is
turned on by the oscillator in the next beginning cycle.To
drive the application without exceeding the 120mV (typical)
current limit threshold on the ISENSE pin of the RT8489.
Select a resistor that gives a switch current of at least
20% greater than the required LED current according to :
IN
SENSE
OUT
OUT
V0.1V
R
=
( )
VI
⎛⎞
×
Ω
⎜⎟
×
⎝⎠
LEDx
GATEx
SENSEx
RT8489
RSx
VOUT
Rx
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com