Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9705 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9705
Description  The RT9705 is a dual input single output power multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9705 Datasheet HTML 1Page - Richtek Technology Corporation RT9705 Datasheet HTML 2Page - Richtek Technology Corporation RT9705 Datasheet HTML 3Page - Richtek Technology Corporation RT9705 Datasheet HTML 4Page - Richtek Technology Corporation RT9705 Datasheet HTML 5Page - Richtek Technology Corporation RT9705 Datasheet HTML 6Page - Richtek Technology Corporation RT9705 Datasheet HTML 7Page - Richtek Technology Corporation RT9705 Datasheet HTML 8Page - Richtek Technology Corporation RT9705 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9705
4
DS9705-07 April 2011
www.richtek.com
Function Block Diagram
Control
Logic
+
-
+
-
Charge
Pump
Charge
Pump
+
-
+
-
+
+
+
-
VDD
UVLO
VIN2
UVLO
VIN1
UVLO
Thermal
Sense
Internal
VDD
Q1 is OFF
EN1
EN2
V
TH
0.5V
VOUT
VIN1
VIN2
STAT
VIN2
VIN1
ILIM
D0
D1
0.1V
Q2 is OFF
VOUT>VIN
Q2 is ON
xK
V
f = 0
V
f = 0
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com