Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9705 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9705
Description  The RT9705 is a dual input single output power multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9705 Datasheet HTML 1Page - Richtek Technology Corporation RT9705 Datasheet HTML 2Page - Richtek Technology Corporation RT9705 Datasheet HTML 3Page - Richtek Technology Corporation RT9705 Datasheet HTML 4Page - Richtek Technology Corporation RT9705 Datasheet HTML 5Page - Richtek Technology Corporation RT9705 Datasheet HTML 6Page - Richtek Technology Corporation RT9705 Datasheet HTML 7Page - Richtek Technology Corporation RT9705 Datasheet HTML 8Page - Richtek Technology Corporation RT9705 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9705
2
DS9705-07 April 2011
www.richtek.com
Typical Application Circuit
STAT
D1
VIN1
VIN2
VOUT
GND
RT9705
0.1uF
V
IN1
R1
R
LOAD
C
OUT
0.1uF
V
IN2
Switch Status
D0
ILIM
R
ILIM
1
2
3
4
5
6
7
8
V
OUT
Pin Name
Pin Function
VIN1
Power Input1 Voltage
VIN2
Power Input2 Voltage
VOUT
Output Voltage
GND
Ground
STAT
STAT is an open-drain output that is Hi-Z if the VIN2 switch is ON.
D0, D1
The truth table shown below illustrates the functionality of D0 and D1.
ILIM
A resistor RILIM from ILIM to GND sets the current limit ILIM to (500/RILIM).
Functional Pin Description
D1
D0
VIN2>VIN1
STAT
VOUT
0
0
X
Hi-Z
VIN2
0
1
No
0
VIN1
0
1
Yes
Hi-Z
VIN2
1
0
X
0
VIN1
1
1
X
0
0
Table 1. Truth Table
Note
: 1. X: Don’ t care
2. Hi-Z: High impedance node
3. D0 and D1 cannot be floating which will lead to an unknown state.
4. An internal MOSFET with 2k
Ω RDS(ON) turns on and softly discharges the output voltage when D0 = D1 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com