Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9705 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9705
Description  The RT9705 is a dual input single output power multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9705 Datasheet HTML 1Page - Richtek Technology Corporation RT9705 Datasheet HTML 2Page - Richtek Technology Corporation RT9705 Datasheet HTML 3Page - Richtek Technology Corporation RT9705 Datasheet HTML 4Page - Richtek Technology Corporation RT9705 Datasheet HTML 5Page - Richtek Technology Corporation RT9705 Datasheet HTML 6Page - Richtek Technology Corporation RT9705 Datasheet HTML 7Page - Richtek Technology Corporation RT9705 Datasheet HTML 8Page - Richtek Technology Corporation RT9705 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9705
1
DS9705-07 April 2011
www.richtek.com
80m
Ω
Ω
Ω
Ω
Ω, 1A Power Multiplexer
General Description
The RT9705 is a dual input single output power multiplexer
specifically designed to provide seamless voltage transition
between two independent power suppliers. Equipped with
two low RDS(ON) N-Channel MOSFETs driven by internal
charge pump circuitry, the RT9705 is able to deliver 1A
output current with only 80mV voltage drop. Manual or
auto switching mode is easily selected by two digital inputs
D1 and D0. When both D0 and D1 are selected high, the
RT9705 enters shutdown mode and consumes minimum
power making it ideal suitable for battery powered
equipments. A STAT pin with open drain output is provided
to indicate the switch status. A user-programmable up to
1.25A current limit function is available for maximum safety
in various applications.
The RT9705 provides comprehensive protection functions,
including adjustable current limit, over temperature
protection, soft start function for minimum inrush current,
cross-conduction protection, and reverse conduction
protection. These features greatly simplify power
multiplexer design. The RT9705 is available in TSSOP-8
package requiring minimum board area and smallest
components.
Features
Adjustable Current Limiting up to 1.25A
Built-In (Typically 80m
Ω
Ω
Ω
Ω
Ω) N-MOSFET
Reverse Current Flow Blocking (no body diode) i.e.
Output Can Be Forced Higher than Input (Off-State)
Low Supply Current :
55uA Typical at Switch on State
Less than 0.5uA Typical at Switch Off State
Guaranteed 1A Continuous Load Current
Wide Input Voltage Ranges : 2.8V to 5.5V
Open-Drain STAT Output
Hot Plug-In Application (Soft-Start)
Thermal Shutdown Protection
Smallest TSSOP-8 Package Minimizes Board Space
RoHS Compliant and 100% Lead (Pb)-Free
Applications
LCD Monitor, LCD-TV
Information Appliance and Set-Top Box
Battery-Powered Equipment
ACPI Power Distribution
Motherboard & Notebook PCs
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
Pin Configurations
(TOP VIEW)
TSSOP-8
Ordering Information
STAT
D0
D1
ILIM
GND
VIN2
VOUT
VIN1
4
2
3
5
7
6
8
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
C : TSSOP-8
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
RT9705
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT9705

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9705B RICHTEK-RT9705B Datasheet
294Kb / 12P
The RT9705B is a dual input single output power
More results

Similar Description - RT9705

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100363 NSC-100363 Datasheet
127Kb / 8P
Low Power Dual 8-Input Multiplexer
logo
Fairchild Semiconductor
100363 FAIRCHILD-100363 Datasheet
74Kb / 7P
Low Power Dual 8-Input Multiplexer
logo
National Semiconductor ...
F100363 NSC-F100363 Datasheet
162Kb / 6P
LOW POWER DUAL 8-INPUT MULTIPLEXER
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Richtek Technology Corp...
RT9705B RICHTEK-RT9705B Datasheet
294Kb / 12P
The RT9705B is a dual input single output power
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
The RT9055 is a dual channel
logo
ON Semiconductor
FPF1320 ONSEMI-FPF1320 Datasheet
1Mb / 15P
Dual-Input Single-Output Advanced Power Switch
October-2017,Rev 2
logo
uPI Group Inc.
UP7537 UPI-UP7537 Datasheet
218Kb / 14P
Dual-Input Triple-Output Power Multiplexer
logo
Renesas Technology Corp
SLG59H1401 RENESAS-SLG59H1401 Datasheet
1Mb / 39P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
SLG59H1403 RENESAS-SLG59H1403 Datasheet
1Mb / 37P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com