Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R2 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJG1553F-R2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R2 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJG1553F-R2 Datasheet HTML 12Page - New Japan Radio NJG1553F-R2 Datasheet HTML 13Page - New Japan Radio NJG1553F-R2 Datasheet HTML 14Page - New Japan Radio NJG1553F-R2 Datasheet HTML 15Page - New Japan Radio NJG1553F-R2 Datasheet HTML 16Page - New Japan Radio NJG1553F-R2 Datasheet HTML 17Page - New Japan Radio NJG1553F-R2 Datasheet HTML 18Page - New Japan Radio NJG1553F-R2 Datasheet HTML 19Page - New Japan Radio NJG1553F-R2 Datasheet HTML 20Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
NJG1553F
- 16 -
nAPPLICATION CIRCUIT 1
PARTS LIST 1
1.5GHz Band
1.9GHz BAND
Upper LOCAL
Lower LOCAL
Upper LOCAL
PART ID
fLO=1619MHz
fIF=130MHz
fLO=1660MHz
fIF=240MHz
fLO=2110MHz
fIF=210MHz
COMMENT
L1
10nH
6.8nH
4.7nH
TAIYO-YUDEN(HK1608)
L2
8.2nH
4.7nH
3.3nH
TAIYO-YUDEN(HK1608)
L3
12nH
12nH
6.8nH
TAIYO-YUDEN(HK1608)
L4
12nH
10nH
5.6nH
TAIYO-YUDEN(HK1608)
L5
6.8nH
5.6nH
3.9nH
TAIYO-YUDEN(HK1608)
L6
100nH
39nH
47nH
TAIYO-YUDEN(HK1608)
L7
47nH
15nH
27nH
TAIYO-YUDEN(HK1608)
C1
1000pF
560pF
560pF
MURATA(GRM39)
C2
11pF
8pF
8pF
MURATA(GRM39)
C3
100pF
100pF
100pF
MURATA(GRM39)
C4
100pF
100pF
100pF
MURATA(GRM39)
C5
1000pF
1000pF
1000pF
MURATA(GRM39)
C6
10pF
10pF
10pF
MURATA(GRM39)
C7
100pF
100pF
100pF
MURATA(GRM39)
C8
1000pF
1000pF
1000pF
MURATA(GRM39)
R1
270
Ω
270
Ω
240
Ω
TAMA Electronics(CRG16G)
R2
270
Ω
470
Ω
430
Ω
TAMA Electronics(CRG16G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com