Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R2 Datasheet(PDF) 20 Page - New Japan Radio

Part # NJG1553F-R2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R2 Datasheet(HTML) 20 Page - New Japan Radio

Back Button NJG1553F-R2 Datasheet HTML 13Page - New Japan Radio NJG1553F-R2 Datasheet HTML 14Page - New Japan Radio NJG1553F-R2 Datasheet HTML 15Page - New Japan Radio NJG1553F-R2 Datasheet HTML 16Page - New Japan Radio NJG1553F-R2 Datasheet HTML 17Page - New Japan Radio NJG1553F-R2 Datasheet HTML 18Page - New Japan Radio NJG1553F-R2 Datasheet HTML 19Page - New Japan Radio NJG1553F-R2 Datasheet HTML 20Page - New Japan Radio NJG1553F-R2 Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
NJG1553F
- 20 -
nMEASURING BLOCK DIAGRAM
VLO
VMIX
IFOUT
LOIN
RFIN
SG
(LOCAL)
SG
(RF)
D.U.T.
PCB
Spectrum
Analyzer
Vdd=2.7V
Conversion Gain Measurement Block Diagram
BPF
BPF
VLO
VMIX
IFOUT
LOIN
RFIN
Vdd=2.7V
SG
(LOCAL)
D.U.T.
PCB
NF Meter
Noise
Source
Noise Figure Measurement Block Diagram
VLO
VMIX
IFOUT
RFIN
LOIN
SG
(RF1)
SG
(RF2)
SG
(LOCAL)
D.U.T.
PCB
Spectrum
Analyzer
Vdd=2.7V
ATT
Power
Comb
.
IF , IM3 , IM5 Measurement Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com