Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R2 Datasheet(PDF) 19 Page - New Japan Radio

Part # NJG1553F-R2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R2 Datasheet(HTML) 19 Page - New Japan Radio

Back Button NJG1553F-R2 Datasheet HTML 13Page - New Japan Radio NJG1553F-R2 Datasheet HTML 14Page - New Japan Radio NJG1553F-R2 Datasheet HTML 15Page - New Japan Radio NJG1553F-R2 Datasheet HTML 16Page - New Japan Radio NJG1553F-R2 Datasheet HTML 17Page - New Japan Radio NJG1553F-R2 Datasheet HTML 18Page - New Japan Radio NJG1553F-R2 Datasheet HTML 19Page - New Japan Radio NJG1553F-R2 Datasheet HTML 20Page - New Japan Radio NJG1553F-R2 Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
NJG1553F
- 19 -
nRECOMMENDED PCB DESIGN
PRECAUTIONS
[1] Please locate L5 and R1 close to VLO terminal (3).
[2] Distance from L1 and RFIN terminal (6) is 3.5mm.
[3] Distance from L3 and LOIN terminal (4) is 3.5mm.
[4] Please locate C1 close to BPC terminal (2).
[5] Please locate C6, C7, C8 close to C2, L7.
[6] Please locate C3, C4 close to R1, L5.
C3
C4
R1
L5
C5
C8
C7
C6
L7
C2
L3
L1
1
LOIN
V
LO
RFIN
V
MIX
NJG1553F
(TOP VIEW)
PCB : FR-4, t=0.5mm
STRIPLINE WIDTH=1mm
(Zo=50
Ω)
(SIZE: 22.5mm x 30mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com