Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9705B Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9705B
Description  The RT9705B is a dual input single output power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705B Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9705B Datasheet HTML 1Page - Richtek Technology Corporation RT9705B Datasheet HTML 2Page - Richtek Technology Corporation RT9705B Datasheet HTML 3Page - Richtek Technology Corporation RT9705B Datasheet HTML 4Page - Richtek Technology Corporation RT9705B Datasheet HTML 5Page - Richtek Technology Corporation RT9705B Datasheet HTML 6Page - Richtek Technology Corporation RT9705B Datasheet HTML 7Page - Richtek Technology Corporation RT9705B Datasheet HTML 8Page - Richtek Technology Corporation RT9705B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9705B
5
DS9705B-03 April 2011
www.richtek.com
Electrical Characteristics
(VIN1 = VIN2 = 3.6V, CIN = COUT = 1
μF, RILIM = 400
Ω, TA = 25°C, unless otherwise specified)
Input Voltage, VIN1 & VIN2 -----------------------------------------------------------------------------------------
−0.3V to 6.0V
Logic Inputs Voltage, D0 &D1 --------------------------------------------------------------------------------------
−0.3V to 6.0V
Output Voltage, VOUT, STAT & ILIM -----------------------------------------------------------------------------
−0.3V to 6.0V
Power Dissipation, PD @ TA = 25°C
TSSOP-8 ---------------------------------------------------------------------------------------------------------------- 0.43W
Package Thermal Resistance (Note 2)
TSSOP-8,
θJA ---------------------------------------------------------------------------------------------------------- 230°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 125°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Absolute Maximum Ratings (Note 1)
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Switch
VIN1 = VIN2 = 3.6V, IOUT = 1A
--
80
95
Switch On Resistance
RDS(ON) VIN1 = VIN2 = 3.6V, IOUT = 1A
−5°C ≤ TA ≤ 85°C
(Note 5)
--
--
120
m
Ω
Logic Inputs (D0 and D1)
Logic Low to High Threshold Voltage VTH_LH
1.5
--
2.1
V
Threshold Hysteresis
VTH_HYS
--
500
--
mV
IIL
D0 or D1 = High, Sink Current
--
--
1
Input Current at D0 or D1
IIH
D0 or D1 = Low, Source Current
--
--
1
μA
Recommended Operating Conditions
(Note 4)
Input Voltage
VIN1 ( if VIN2
2.8V) -------------------------------------------------------------------------------------------------- 2.3V to 5.5V
VIN1 ( if VIN2 < 2.8V) -------------------------------------------------------------------------------------------------- 2.8V to 5.5V
VIN2 ( if VIN1
2.8V) -------------------------------------------------------------------------------------------------- 2.3V to 5.5V
VIN2 ( if VIN1 < 2.8V) -------------------------------------------------------------------------------------------------- 2.8V to 5.5V
Logic Inputs Voltage (D0 &D1) ------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
≥
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com