Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9705B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9705B
Description  The RT9705B is a dual input single output power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9705B Datasheet HTML 3Page - Richtek Technology Corporation RT9705B Datasheet HTML 4Page - Richtek Technology Corporation RT9705B Datasheet HTML 5Page - Richtek Technology Corporation RT9705B Datasheet HTML 6Page - Richtek Technology Corporation RT9705B Datasheet HTML 7Page - Richtek Technology Corporation RT9705B Datasheet HTML 8Page - Richtek Technology Corporation RT9705B Datasheet HTML 9Page - Richtek Technology Corporation RT9705B Datasheet HTML 10Page - Richtek Technology Corporation RT9705B Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9705B
7
DS9705B-03 April 2011
www.richtek.com
Note 1.
Stresses listed as the above “Absolute Maximum
Ratings” may cause permanent damage to the
device. These are for stress ratings. Functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of the specifications is not implied.
Exposure to absolute maximum rating conditions
for extended periods may remain possibility to affect
device reliability.
Note 2.
θJA is measured in the natural convection at
TA = 25
°C on a low effective thermal conductivity test
board of JEDEC 51-3 thermal measurement
standard.
Note 3.
Devices are ESD sensitive. Handling precaution
recommended.
Note 4.
The device is not guaranteed to function outside its
operating conditions.
Note 5.
Performance at
−5°C ≤ TA ≤ 85°C is assured by
design.
Note 6.
Not tested for production.
Note 7.
The UVLO is without latch. In VIN falling dege, the
output voltage will depend on IOUT and COUT. Please
see below curve as reference.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Switch Timing (Note 6)
Output Rise Time from
an enable
tr
VIN1 = VIN2 = 3.3V, IOUT = 500mA
See Timing Diagram (a)
1
1.72
3
ms
Output Fall Time from a
disable
tf
VIN1 = VIN2 = 3.3V, IOUT = 500mA
See Timing Diagram (a)
0.1
0.26
1.5
ms
VIN1 to VIN2 transition,
VIN1 = 3.3V, VIN2 = 5V
--
20
60
Transition Time
tt
VIN2 to VIN1 transition,
VIN1 = 5V, VIN2 = 3.3V
IOUT = 500mA, (Measure
transition time as 10 to 90%
rise time or from 3.4V to
4.8V on VOUT) See Timing
Diagram (b)
--
20
60
μs
Turn-on Propagation
Delay from Enable
tPLH1
VIN1 = VIN2 = 3.3V, Measure from enable to 10% of
VOUT, IOUT = 500mA See Timing Diagram (a)
--
1
--
ms
Turn-off Propagation
Delay from Disable
tPHL1
VIN1 = VIN2 = 3.3V, Measure from disable to 90% of
VOUT, IOUT = 500mA See Timing Diagram (a)
--
1
--
ms
Switch-over Rising
Propagation Delay
tPLH2
Logic 1 to Logic 0 transition
on D1, Measure from D1 to
10% of VOUT
--
20
100
μs
Switch-over Falling
Propagation Delay
tPHL2
Logic 0 to Logic 1 transition
on D1, Measure from D1 to
90% of VOUT
VIN1 = 3.3V,
VIN2 = 5V,
VD0 = 0V,
IOUT = 500mA
See Timing Diagram (c)
2
3.8
10
ms
VIN2 = 2.2V, COUT = 10uF, RL = 180
Ω
VOUT Response vs. UVLO
Time (1ms/Div)
VOUT
(1V/Div)
VIN1
(1V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com