Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9705B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9705B
Description  The RT9705B is a dual input single output power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9705B Datasheet HTML 1Page - Richtek Technology Corporation RT9705B Datasheet HTML 2Page - Richtek Technology Corporation RT9705B Datasheet HTML 3Page - Richtek Technology Corporation RT9705B Datasheet HTML 4Page - Richtek Technology Corporation RT9705B Datasheet HTML 5Page - Richtek Technology Corporation RT9705B Datasheet HTML 6Page - Richtek Technology Corporation RT9705B Datasheet HTML 7Page - Richtek Technology Corporation RT9705B Datasheet HTML 8Page - Richtek Technology Corporation RT9705B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9705B
1
DS9705B-03 April 2011
www.richtek.com
80m
Ω
Ω
Ω
Ω
Ω, 1A Power Multiplexer
General Description
The RT9705B is a dual input single output power
multiplexer specifically designed to provide seamless
voltage transition between two independent power
suppliers. Equipped with two low RDS(ON) N-Channel
MOSFETs driven by internal charge pump circuitry, the
RT9705B is able to deliver 1A output current with only
80mV voltage drop. Manual or auto switching mode is easily
selected by two digital inputs D1 and D0. When both D0
and D1 are selected high, the RT9705B enters shutdown
mode and consumes minimum power making it ideal
suitable for battery powered equipments. A STAT pin with
open drain output is provided to indicate the switch status.
A user-programmable up to 1.25A current limit function is
available for maximum safety in various applications.
The RT9705B provides comprehensive protection functions,
including adjustable current limit, over temperature
protection, soft start function for minimum inrush current,
cross-conduction protection, and reverse conduction
protection. These features greatly simplify power
multiplexer design. The RT9705B is available in TSSOP-8
package requiring minimum board area and smallest
components.
Features
Adjustable Current Limiting up to 1.25A
Built-In (Typically 80m
Ω
Ω
Ω
Ω
Ω) N-Channel MOSFET
Reverse Current Flow Blocking (no body diode) i.e.
Output Can Be Forced Higher than Input (Off-State)
Low Supply Current :
55
μμμμμA Typical at Switch on State
Less than 0.5
μμμμμA Typical at Switch Off State
Guaranteed 1A Continuous Load Current
Wide Input Voltage Ranges : 2.8V to 5.5V
Open-Drain STAT Output
Hot Plug-In Application (Soft-Start)
Thermal Shutdown Protection
Smallest TSSOP-8 Package Minimizes Board Space
RoHS Compliant and 100% Lead (Pb)-Free
Applications
LCD Monitor, LCD-TV
Information Appliance and Set-Top Box
Battery-Powered Equipment
ACPI Power Distribution
Motherboard & Notebook PCs
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
Pin Configurations
(TOP VIEW)
TSSOP-8
Ordering Information
STAT
D0
D1
ILIM
GND
VIN2
VOUT
VIN1
4
2
3
5
7
6
8
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Package Type
C : TSSOP-8
RT9705B
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9705B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9705 RICHTEK-RT9705 Datasheet
185Kb / 11P
The RT9705 is a dual input single output power multiplexer
More results

Similar Description - RT9705B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9705 RICHTEK-RT9705 Datasheet
185Kb / 11P
The RT9705 is a dual input single output power multiplexer
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
200V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3G120 IRF-M3G120_15 Datasheet
161Kb / 9P
120V Input, Single/Dual Output
logo
Richtek Technology Corp...
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
The RT9055 is a dual channel
logo
ON Semiconductor
FPF1320 ONSEMI-FPF1320 Datasheet
1Mb / 15P
Dual-Input Single-Output Advanced Power Switch
October-2017,Rev 2
logo
Renesas Technology Corp
SLG59H1401 RENESAS-SLG59H1401 Datasheet
1Mb / 39P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
SLG59H1403 RENESAS-SLG59H1403 Datasheet
1Mb / 37P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com