Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9715CGF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9715CGF
Description  Reverse Blocking Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGF Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9715CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 9Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 10Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 11Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9715CA
8
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT9715CA is a single N-MOSFET high-side power
switches with enable input, optimized for self-powered and
bus-powered Universal Serial Bus (USB) applications. The
RT9715CA is equipped with a charge pump circuitry to
drive the internal N-MOSFET switch; the switch's low
RDS(ON), 90m
Ω, meets USB voltage drop requirements;
and a flag output is available to indicate fault conditions
to the local USB controller.
Input and Output
VIN (input) is the power source connection to the internal
circuitry and the drain of the MOSFET. VOUT (output) is
the source of the MOSFET. In a typical application, current
flows through the switch from VIN to VOUT toward the load.
If VOUT is greater than VIN, current will flow from VOUT to
VIN since the MOSFET is bidirectional when on.
Unlike a normal MOSFET, there is no parasitic body diode
between drain and source of the MOSFET, the RT9715CA
prevents reverse current flow if VOUT is externally forced
to a higher voltage than VIN when the chip is disabled
(VEN < 0.8V).
Chip Enable Input
The switch will be disabled when the EN pin is in a logic
low condition. During this condition, the internal circuitry
and MOSFET will be turned off, reducing the supply current
to 0.1
μA typical. Floating the EN may cause unpredictable
operation. EN should not be allowed to go negative with
respect to GND. The EN pin may be directly tied to VIN
(GND) to keep the part on.
Soft-Start for Hot Plug-In Applications
In order to eliminate the upstream voltage droop caused
by the large inrush current during hot-plug events, the
“soft-start” feature effectively isolates the power source
from extremely large capacitive loads, satisfying the USB
voltage droop requirements.
D
G
S
D
G
S
Normal MOSFET
RT9715CA
Fault Flag
The RT9715CA series provides a FLG signal pin which is
an N-Channel open drain MOSFET output. This open drain
output goes low when current limit or the die temperature
exceeds 120
°C approximately. The FLG output is capable
of sinking a 10mA load to typically 200mV above ground.
The FLG pin requires a pull-up resistor, this resistor should
be large in value to reduce energy drain. A 100k
Ω pull-up
resistor works well for most applications. In the case of
an over-current condition, FLG will be asserted only after
the flag response delay time, tD, has elapsed. This ensures
that FLG is asserted only upon valid over-current conditions
and that erroneous error reporting is eliminated.
For example, false over-current conditions may occur
during hot-plug events when extremely large capacitive
loads are connected and causes a high transient inrush
current that exceeds the current limit threshold. The FLG
response delay time tD is typically 12ms.
Under-Voltage Lockout
Under-voltage lockout (UVLO) prevents the MOSFET
switch from turning on until input the voltage exceeds
approximately 1.7V. If input voltage drops below
approximately 1.3V, UVLO turns off the MOSFET switch.
Under-voltage detection functions only when the switch
is enabled.
Current Limiting and Short-Circuit Protection
The current limit circuitry prevents damage to the MOSFET
switch and the hub downstream port but can deliver load
current up to the current limit threshold of typically 1.5A
through the switch for RT9715CA. When a heavy load or
short circuit is applied to an enabled switch, a large
transient current may flow until the current limit circuitry
responds. Once this current limit threshold is exceeded,
the device enters constant current mode until the thermal
shutdown occurs or the fault is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com