Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9715CGF Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9715CGF
Description  Reverse Blocking Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGF Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9715CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 9Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 10Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 11Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9715CA
10
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Over-Current protection devices such as fuses and PTC
resistors (also called polyfuse or polyswitch) have slow
trip times, high on-resistance, and lack the necessary
circuitry for USB-required fault reporting.
The faster trip time of the RT9715CA power distribution
allows designers to design hubs that can operate through
faults. The RT9715CA provides low on-resistance and
internal fault-reporting circuitry to meet voltage regulation
and fault notification requirements.
Because the devices are also power switches, the designer
of self-powered hubs has the flexibility to turn off power to
output ports. Unlike a normal MOSFET, the devices have
controlled rise and fall times to provide the needed inrush
current limiting required for the bus-powered hub power
switch.
Supply Filter/Bypass Capacitor
A 1
μF low-ESR ceramic capacitor from VIN to GND,
located at the device is strongly recommended to prevent
the input voltage drooping during hot-plug events. However,
higher capacitor values will further reduce the voltage droop
on the input. Furthermore, without the bypass capacitor,
an output short may cause sufficient ringing on the input
(from source lead inductance) to destroy the internal
control circuitry. The input transient must not exceed 6V
of the absolute maximum supply voltage even for a short
duration.
Output Filter Capacitor
A low-ESR 150
μF aluminum electrolytic or tantalum
between VOUT and GND is strongly recommended to meet
the 330mV maximum droop requirement in the hub VBUS
(Per USB 2.0, output ports must have a minimum 120
μF
of low-ESR bulk capacitance per hub). Standard bypass
methods should be used to minimize inductance and
resistance between the bypass capacitor and the
downstream connector to reduce EMI and decouple voltage
droop caused when downstream cables are hot-insertion
transients. Ferrite beads in series with VBUS, the ground
line and the 0.1
μF bypass capacitors at the power
connector pins are recommended for EMI and ESD
protection. The bypass capacitor itself should have a low
dissipation factor to allow decoupling at higher frequencies.
Voltage Drop
The USB specification states a minimum port-output
voltage in two locations on the bus, 4.75V out of a Self-
Powered Hub port and 4.40V out of a Bus-Powered Hub
port. As with the Self-Powered Hub, all resistive voltage
drops for the Bus-Powered Hub must be accounted for to
guarantee voltage regulation (see Figure 7-47 of Universal
Serial Specification Revision 2.0).
The following calculation determines VOUT (MIN) for multi-
ple ports (NPORTS) ganged together through one switch (if
using one switch per port, NPORTS is equal to 1) :
VOUT (MIN) = 4.75V
− [ II x ( 4 x RCONN + 2 x RCABLE ) ] −
(0.1A x NPORTS x RSWITCH )
− VPCB
Where
RCONN = Resistance of connector contacts
(two contacts per connector)
RCABLE = Resistance of upstream cable wires
(one 5V and one GND)
RSWITCH = Resistance of power switch
(90m
Ω typical for RT9715CA)
VPCB = PCB voltage drop
The USB specification defines the maximum resistance
per contact (RCONN) of the USB connector to be 30m
Ω
and the drop across the PCB and switch to be 100mV.
This basically leaves two variables in the equation: the
resistance of the switch and the resistance of the cable.
If the hub consumes the maximum current (II) of 500mA,
the maximum resistance of the cable is 90m
Ω.
The resistance of the switch is defined as follows :
RSWITCH = { 4.75V
− 4.4V − [ 0.5A x ( 4 x 30mΩ + 2 x
90m
Ω) ] − VPCB }
( 0.1A x NPORTS )
= (200mV
− VPCB )
( 0.1A x NPORTS )
If the voltage drop across the PCB is limited to 100mV,
the maximum resistance for the switch is 250m
Ω for four
ports ganged together. The RT9715CA, with its maximum
110m
Ω on-resistance over temperature, can fit the demand
of this requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com