Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9715CGF Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9715CGF
Description  Reverse Blocking Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGF Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9715CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 9Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 10Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 11Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9715CA
11
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be followed :
Locate the ceramic bypass capacitors as close as
possible to the VIN pins of the RT9715CA.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans if
possible).
Keep all VBUS traces as short as possible and use at
least 50-mil, 2 ounce copper for all VBUS traces.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place cuts in the ground plane between ports to help
reduce the coupling of transients between ports.
Locate the output capacitor and ferrite beads as close
to the USB connectors as possible to lower impedance
(mainly inductance) between the port and the capacitor
and improve transient load performance.
Locate the RT9715CA as close as possible to the output
port to limit switching noise.
Figure 2. Derating Curve of Maximum Power Dissipation
GND
EN
GND_BUS
VIN
VOUT
VBUS
VIN
FLG
The input capacitor should
be placed as close as
possible to the IC.
Figure 3
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 100
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9715CA, where TJ(MAX) is the maximum junction
temperature of the die (100
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For SOT-23-5 package,
the thermal resistance
θJA is 250°C/W on the standard
JEDEC 51-3 single-layer thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = (100
°C − 25°C) / (250°C/W) = 0.3W for
SOT-23-5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 2 of derating
curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.
0.0
0.1
0.2
0.3
0.4
0.5
0
10
2030
405060
7080
90 100
Ambient Temperature (°C)
Single Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com