Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9742ENGJ5F Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9742ENGJ5F
Description  The RT9742 is a cost-effective
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9742ENGJ5F Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9742ENGJ5F Datasheet HTML 3Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 4Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 5Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 6Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 7Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 8Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 9Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 10Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RT9742
7
DS9742-00 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
The thermal shutdown protection will react at high Ambient Temperature or low VIN due to RDS(ON) variation.
Please refer to Application Information and Typical Operating Characteristics.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EN/EN Threshold
Logic_High
Voltage
VIH
VIN = 2.7V to 6V
2
--
--
V
Logic_Low
Voltage
VIL
VIN = 2.7V to 6V
--
--
0.8
EN/EN Input Current
EN/EN
I
VEN = 0V,
EN
V
= 5V
0.5
--
0.5
A
Output Leakage Current
ILEAKAGE
VEN = 0V, RLOAD = 0
--
0.5
1
A
Output Turn-On Rise Time
TON_RISE
10% to 90% of VOUT Rising
--
300
--
s
Output Resist
FLG
ance
FLG
R
ISINK = 1mA
--
10
--
FLG Off Current
FLG_OFF
I
FLG
V
= 5V
--
0.01
1
A
FLG Delay Time
TD
From fault condition to FLG
Assertion
--
10
--
ms
Shutdown Auto-Discharge
Resistance
RDischarge
VEN = 0V, VEN = 5V
--
10
--
Under-Voltage Lockout
VUVLO
VIN Rising
--
--
2.4
V
Under-Voltage Hysteresis
VUVLO
VIN Decreasing
--
0.1
--
V
Thermal Shutdown Protection
TSD
--
140
--
°C
Thermal Shutdown Hysteresis
TSD
--
20
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com