Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9742ENGJ5F Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9742ENGJ5F
Description  The RT9742 is a cost-effective
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9742ENGJ5F Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9742ENGJ5F Datasheet HTML 5Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 6Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 7Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 8Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 9Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 10Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 11Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 12Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RT9742
9
DS9742-00 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Shutdown Current vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VEN = 0V
Shutdown Current vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VEN = 0V
Quiescent Current vs. Input Voltage
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
No Load
Quiescent Current vs. Temperature
26.8
27.0
27.2
27.4
27.6
27.8
28.0
28.2
28.4
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, No Load
On Resistance vs. Input Voltage
30
40
50
60
70
80
90
100
110
120
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
TSOT-23-5 (FC)
TSOT-23-5
On Resistance vs. Temperature
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
TSOT-23-5 (FC)
TSOT-23-5
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com