Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9742ENGJ5F Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9742ENGJ5F
Description  The RT9742 is a cost-effective
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9742ENGJ5F Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9742ENGJ5F Datasheet HTML 7Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 8Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 9Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 10Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 11Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 12Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 13Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 14Page - Richtek Technology Corporation RT9742ENGJ5F Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RT9742
11
DS9742-00 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VIN = 5V
Time (2ms/Div)
FLG Response
VOUT
(2V/Div)
FLG
(5V/Div)
IIN
(2A/Div)
Time (200
μs/Div)
Power On from EN
VOUT
(2V/Div)
EN
(5V/Div)
IIN
(2A/Div)
No Load
Time (2ms/Div)
Power On from VIN
VOUT
(2V/Div)
VIN
(2V/Div)
No Load
Time (10ms/Div)
Power Off from VIN
VOUT
(2V/Div)
VIN
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com