Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN3AMC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMN3AMC
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3AMC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMN3AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXMN3AMC
Document number: DS35087 Rev. 1 - 2
5 of 8
www.diodes.com
December 2010
© Diodes Incorporated
ZXMN3AMC
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics
0.1
1
10
0.1
1
10
0.1
1
10
0.1
1
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1
10
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
0.1
1
0.4
0.6
0.8
1.0
1.2
0.1
1
10
5V
7V
4.5V
3.5V
2.5V
4V
Output Characteristics
T = 25°C
3V
V
GS
10V
V
DS
Drain-Source Voltage (V)
5V
2V
2.5V
4.5V
7V
10V
4V
3V
Output Characteristics
T = 150°C
V
GS
3.5V
V
DS
Drain-Source Voltage (V)
Typical Transfer Characteristics
V
DS
= 10V
T = 25°C
T = 150°C
V
GS
Gate-Source Voltage (V)
Normalised Curves v Temperature
R
DS(on)
V
GS
= 10V
I
D
= 2.5A
V
GS(th)
V
GS
= V
DS
I
D
= 250uA
Tj Junction Temperature (°C)
4.5V
7V
5V
4V
10V
3.5V
2.5V
On-Resistance v Drain Current
T = 25°C
3V
V
GS
I
D
Drain Current (A)
T = 150°C
T = 25°C
Source-Drain Diode Forward Voltage
V
SD
Source-Drain Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com