Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN3AMC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN3AMC
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3AMC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN3AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMN3AMC
Document number: DS35087 Rev. 1 - 2
4 of 8
www.diodes.com
December 2010
© Diodes Incorporated
ZXMN3AMC
A Product Line of
Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
ID = 250μA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-
-
0.5
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
ID = 250μA, VDS = VGS
Static Drain-Source On-Resistance (Note 10)
RDS(ON)
-
0.100
0.120
Ω
VGS = 10V, ID = 2.5A
0.140
0.180
VGS = 4.5V, ID = 2.0A
Forward Transconductance (Note 10 & 11)
gfs
-
3.5
-
S
VDS = 10V, ID = 2.5A
Diode Forward Voltage (Note 10)
VSD
-
0.85
0.95
V
IS = 1.7A, VGS = 0V
Reverse Recover Time (Note 11)
trr
-
17.7
-
ns
IS = 2.5A, di/dt = 100A/µs
Reverse Recover Charge (Note 11)
Qrr
-
13.0
-
nC
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
Ciss
-
190
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
38
-
pF
Reverse Transfer Capacitance
Crss
-
20
-
pF
Total Gate Charge (Note 12)
Qg
-
2.3
-
nC
VGS = 4.5V
VDS = 15V
ID = 2.5A
Total Gate Charge (Note 12)
Qg
-
3.9
-
nC
VGS = 10V
Gate-Source Charge (Note 12)
Qgs
-
0.6
-
nC
Gate-Drain Charge (Note 12)
Qgd
-
0.9
-
nC
Turn-On Delay Time (Note 12)
tD(on)
-
1.7
-
ns
VDS = 15V, ID = 2.5A
VGS = 10V, RG = 6Ω
Turn-On Rise Time (Note 12)
tr
-
2.3
-
ns
Turn-Off Delay Time (Note 12)
tD(off)
-
6.6
-
ns
Turn-Off Fall Time (Note 12)
tf
-
2.9
-
ns
Notes:
10. Measured under pulsed conditions. Width
≤ 300µs. Duty cycle ≤ 2%.
11. For design aid only, not subject to production testing.
12. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com