Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN3AMC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN3AMC
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3AMC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN3AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXMN3AMC_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMN3AMC
Document number: DS35087 Rev. 1 - 2
2 of 8
www.diodes.com
December 2010
© Diodes Incorporated
ZXMN3AMC
A Product Line of
Diodes Incorporated
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
Continuous Drain Current
VGS = 10V
(Notes 4 & 7)
ID
3.7
A
TA = 70°C (Notes 4 & 7)
3.0
(Notes 3 & 7)
2.9
Pulsed Drain Current
VGS = 10V
(Notes 6 & 7)
IDM
13
Continuous Source Current (Body diode)
(Notes 4 & 7)
IS
3.2
Pulse Source Current (Body diode)
(Notes 6 & 7)
ISM
13
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Notes 3 & 7)
PD
1.50
12
W
mW/°C
(Notes 4 & 7)
2.45
19.6
(Notes 5 & 7)
1.13
9
(Notes 5 & 8)
1.70
13.6
Thermal Resistance, Junction to Ambient
(Notes 3 & 7)
RθJA
83.3
°C/W
(Notes 4 & 7)
51.0
(Notes 5 & 7)
111
(Notes 5 & 8)
73.5
Thermal Resistance, Junction to Lead
(Notes 7 & 9)
RθJL
17.1
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. For a device surface mounted on 28mm x 28mm (8cm
2) FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady-state condition. The heatsink is split in half with the exposed drain pads connected to each half.
4. Same as note (3) except the device is measured at t < 5 sec.
5. Same as note (3), except the device is surface mounted on 31mm x 31mm (10cm
2) FR4 PCB with high coverage of single sided 1oz copper.
6. Same as note (3), except the device is pulsed with D = 0.02 and pulse width 300µs. The pulse current is limited by the maximum junction temperature.
7. For a dual device with one active die.
8. For dual device with 2 active die running at equal power.
9. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com