Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1127 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1127
Description  BROADBAND LOW POWER SPDT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1127 Datasheet(HTML) 3 Page - RF Micro Devices

  RF1127 Datasheet HTML 1Page - RF Micro Devices RF1127 Datasheet HTML 2Page - RF Micro Devices RF1127 Datasheet HTML 3Page - RF Micro Devices RF1127 Datasheet HTML 4Page - RF Micro Devices RF1127 Datasheet HTML 5Page - RF Micro Devices RF1127 Datasheet HTML 6Page - RF Micro Devices RF1127 Datasheet HTML 7Page - RF Micro Devices RF1127 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF1127
Rev A3 DS090904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IIP2
RF1, RF2-ANT Cell
100
dBm
Tone 1: 836.5MHz at 16dBm,
Tone 2: 1718MHz at -20dBm
Receive Freq: 881.5MHz
RF1, RF2-ANT AWS
99
dBm
Tone 1: 1732.5MHz at 16dBm,
Tone 2: 3865MHz at -20dBm
Receive Freq: 2132.5MHz
RF1, RF2-ANT PCS
100
dBm
Tone 1: 1880MHz at 16dBm,
Tone 2: 3840MHz at -20dBm
Receive Freq: 1960MHz
IIP3
IIP3 RF1, RF2-ANT Cell
65
dBm
Tone 1: 836.5MHz at 16dBm,
Tone 2: 791.5MHz at -20dBm
Receive Freq: 881.5MHz
IIP3 RF1, RF2-ANT IMT
63
dBm
Tone 1: 1950MHz at 16dBm,
Tone 2: 1760MHz at -20dBm
Receive Freq: 2140MHz
Input Power at 0.1dB
Compression Point
19
23
dBm
Switching Speed
600
ns
50% to 90% RFon, 50% to 10% RF off.
DC Supply
VDD
2.50
2.60
3.30
V
V1 (H)
1.80
3.60
V
V1 (L)
0.00
0.40
V
Supply Current
120
250
uA
Pin=16dBm
Control Current
14
25
uA
Pin=16dBm
Note: Parameters hold at 25°C and VDD=2.5V.
Control Signal
Signal Paths
V1
RF1-RFC RF2-RFC
Valid States
1
ON
OFF
0OFF
ON
0: Logic level low, 0V~0.2V
1: Logic level high, 1.8V~3.6V
Note: In indeterminate states, both signal paths are
ON with degraded performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com