Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1127 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF1127
Description  BROADBAND LOW POWER SPDT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1127 Datasheet(HTML) 6 Page - RF Micro Devices

  RF1127 Datasheet HTML 1Page - RF Micro Devices RF1127 Datasheet HTML 2Page - RF Micro Devices RF1127 Datasheet HTML 3Page - RF Micro Devices RF1127 Datasheet HTML 4Page - RF Micro Devices RF1127 Datasheet HTML 5Page - RF Micro Devices RF1127 Datasheet HTML 6Page - RF Micro Devices RF1127 Datasheet HTML 7Page - RF Micro Devices RF1127 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF1127
Rev A3 DS090904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Application Guidelines
The decoupling capacitors are optional and, if necessary, may be used for noise reduction. Decoupling capacitors on the con-
trol pins protect the control circuitry from possible RF leakage. For applications less than 300MHz the DC-blocking capacitors
on ports RF1, RF2, and ANT need to be 10nF instead of 100pF for best performance.
1
2
3
7
6
5
4
V1
C2
100 pF
VDD
C1
100 pF
C3
100 pF
J1
ANT
C6
DNI
L1
DNI
C4
100 pF
J3
RF1
C5
100 pF
J2
RF2
V1
1
2
3
VDD
1
2
3
*L1 is optional for IEC61000-4-2
ESD Protection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com