Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1127 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF1127
Description  BROADBAND LOW POWER SPDT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1127 Datasheet(HTML) 8 Page - RF Micro Devices

  RF1127 Datasheet HTML 1Page - RF Micro Devices RF1127 Datasheet HTML 2Page - RF Micro Devices RF1127 Datasheet HTML 3Page - RF Micro Devices RF1127 Datasheet HTML 4Page - RF Micro Devices RF1127 Datasheet HTML 5Page - RF Micro Devices RF1127 Datasheet HTML 6Page - RF Micro Devices RF1127 Datasheet HTML 7Page - RF Micro Devices RF1127 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8 of 8
RF1127
Rev A3 DS090904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Data on Evaluation Board
Fixture losses have been de-embedded (Temp=25°C, VDD=2.6V, V1=1.8V).
Insertion Loss
(Temp = 25°C, Vdd=2.6V, V1 = 1.8V)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Return Loss
(Temp = 25°C, Vdd=2.6V, V1 = 1.8V)
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Port to Port Isolation
(Temp = 25°C, Vdd=2.6V, V1 = 1.8V)
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Antenna to Port Isolation
(Temp = 25°C, Vdd=2.6V, V1 = 1.8V)
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Harmonics
(Temp=25°C, Vdd=2.6V, V1 = 1.8V)
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
10
11
12
13
14
15
16
17
18
19
20
Input Power (dBm)
2nd Harmonic
3rd harmonic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com