Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF166C Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 3 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 1. MRF166C 500 MHz Test Circuit
R2
R3
RFC2
RFC1
C11
+
–
+
–
Vdc
R1
RF
INPUT
DUT
Z2
Z4
C7
C6
RF
OUTPUT
VDD = 28 V
C4
C9
C8
C10
C5
BIAS
Z3
C1
C3
Z1
C2
C1, C7
200 pF, Chip Capacitor
C2, C6
2–10 pF, Trimmer Capacitor, Johansen
C3
27 pF, ATC 100 mil Chip Capacitor
C4, C8
0.1
µF, Chip Capacitor
C5
15 pF, ATC 100 mil Chip Capacitor
C9, C10
680 pF, Feedthru Capacitor
C11
50
µF, 50 V, Electrolytic Capacitor
R1
120
Ω, 1/2 W Resistor
R2
10 k
Ω, 1/2 W Resistor
R3
1 k
Ω, 1/2 W Resistor
RFC1
Ferroxcube VK200 19/4B
RFC2
10 Turns AWG #18, 0.125
″ I.D., Enameled
Board Material
0.062
″ Teflon® Fiberglass
1 oz. Copper Clad Both Sides
εr = 2.56
350 mils
600 mils
C2
C3
C5
C6
825 mils
1650 mils
Z1
0.120
″ x 3.3″, Microstrip Line
Z2
0.120
″ x 2.1″, Microstrip Line
Z3, Z4
0.120
″ x 0.25″, Microstrip Line
TYPICAL CHARACTERISTICS
100
1
2
5
10
20
50
25
20
15
10
5
0
Coss
Ciss
Crss
VGS = 0 V
f = 1 MHz
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain–Source Voltage
100
10
0
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 3. DC Safe Operating Area
10
1
0.1
TC = 25°C
3
REV 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com