Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF166C Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 4 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS
Pin, INPUT POWER (WATTS)
32
28
24
20
12
8
4
0
0.6
Pin, INPUT POWER (WATTS)
Figure 4. Output Power versus Input Power
0.5
0.45
0.35
0.25
0.15
0.1
0.05
0
400 MHz
f = 500 MHz
VDD = 28 V
IDQ = 25 mA
12
10
8
6
4
2
0
0.5
Pin, INPUT POWER (WATTS)
0.45
0.3
0.2
0.15
0.05
0
VDD = 13.5 V
IDQ = 25 mA
Figure 5. Output Power versus Input Power
40
35
30
25
20
15
10
5
0
28
Figure 6. Output Power versus Supply Voltage
26
24
22
20
18
16
14
12
Pin = 1 W
0.5 W
0.18 W
Figure 7. Output Power versus Supply Voltage
Pin, INPUT POWER (WATTS)
35
30
25
20
15
10
5
0
28
26
24
22
20
18
16
14
12
Pin = 0.5 W
0.3 W
0.15 W
f = 400 MHz
IDQ = 25 mA
16
0.4
0.3
0.2
0.55
275 MHz
0.4
0.35
0.25
0.1
400 MHz
f = 500 MHz
f = 500 MHz
IDQ = 25 mA
4
REV 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com