Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF166C Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166C Datasheet(HTML) 5 Page - Tyco Electronics

  MRF166C Datasheet HTML 1Page - Tyco Electronics MRF166C Datasheet HTML 2Page - Tyco Electronics MRF166C Datasheet HTML 3Page - Tyco Electronics MRF166C Datasheet HTML 4Page - Tyco Electronics MRF166C Datasheet HTML 5Page - Tyco Electronics MRF166C Datasheet HTML 6Page - Tyco Electronics MRF166C Datasheet HTML 7Page - Tyco Electronics MRF166C Datasheet HTML 8Page - Tyco Electronics MRF166C Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Figure 8. Series Equivalent Input and Output Impedance
f
MHz
Zin
Ohms
ZOL*
Ohms
500
400
290
2.09 – j2.77
2.63 – j7.58
0.93 – j3.80
4.87 – j2.63
3.09 – j5.24
7.35 – j8.67
ZOL* =Conjugate of the optimum load impedance into
which the device output operates at a given output
power, voltage and frequency.
VDD = 28 V, IDQ = 25 mA, Pout = 20 Watts
f = 290 MHz
Zo = 10 Ω
Zin
ZOL*
400 MHz
500 MHz
500 MHz
400 MHz
f = 290 MHz
Figure 9. MRF166C Test Fixture
5
REV 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com