Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1602L Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1602L
Description  Broadband SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1602L Datasheet(HTML) 3 Page - RF Micro Devices

  RF1602L Datasheet HTML 1Page - RF Micro Devices RF1602L Datasheet HTML 2Page - RF Micro Devices RF1602L Datasheet HTML 3Page - RF Micro Devices RF1602L Datasheet HTML 4Page - RF Micro Devices RF1602L Datasheet HTML 5Page - RF Micro Devices RF1602L Datasheet HTML 6Page - RF Micro Devices RF1602L Datasheet HTML 7Page - RF Micro Devices RF1602L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF1602
DS20130218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
(All Nominal Test Conditions Unless Otherwise
Stated) VBATT = 3.5V, Temperature = 25°C, All
RF ports terminated in 50
IIP3 SV-LTE
RF1, RF2, ANT (Cell)
83
dBm
Tone 1: 786MHz at +23dBm
Tone 2: 825MHz at +14dBm
Receive Freq: 747MHz
RF1, RF2, ANT (Cell)
80
dBm
Tone 1: 782MHz at +23dBm
Tone 2: 827MHz at +14dBm
Receive Freq: 872MHz
IIP3
RF1, RF2, ANT (Cell)
70
75
dBm
Tone 1: 836.5MHz at +26dBm
Tone 2: 791.5MHz at -20dBm
Receive Freq: 881.5MHz
RF1, RF2, ANT (IMT)
70
75
dBm
Tone 1: 1950MHz at +26dBm
Tone 2: 1760MHz at -20dBm
Receive Freq: 2140MHz
Max Operating Power
36
dBm
50
, Temp = 25C
35
dBm
VSWR = 6:1, Temp = -40
to +85C
Supply and Control Signal Characteristics
Supply Voltage, VBATT
2.7
3.5
4.6
V
Supply Current, VBATT
EN = HIGH
100
200
A
EN = LOW
14
20
A
Control Voltage (EN, CTRL)
VHIGH
1.3
1.8
2.7
V
VLOW
00.45
V
Control Current
IHIGH
2.5
5
A
ILOW
13
A
Switching Time
Switching Speed ON
2
5
s
All combination; 50% control to 90% RF ON
Switching Speed RF OFF
2
5
s
All combinations; 50% control to 10% RF OFF
Start Up Time from
Shutdown
5
s
Maximum set up time for the switch to reach
fully compliant operation
Turn-on Time
5
20
s
Time from VBATT 50% of operational voltage to
RF signal at 90%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com